Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC34716EPR2 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

No. de pieza MC34716EPR2
Descripción Electrónicos  1.0 MHz Dual Switch-Mode DDR Power Supply
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34716EPR2 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MC34716EPR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC34716EPR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC34716EPR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34716EPR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34716EPR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34716EPR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34716EPR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34716EPR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34716EPR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
34716
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS
Input Supply Voltage (VIN) Pin
VIN
-0.3 to 7.0
V
High-Side MOSFET Drain Voltage (PVIN1, PVIN2) Pins
PVIN
-0.3 to 7.0
V
Switching Node (SW1, SW2) Pins
VSW
-0.3 to 7.5
V
BOOT1, BOOT2 Pins (Referenced to SW1, SW2 Pins Respectively)
VBOOT - VSW
-0.3 to 7.5
V
PG, VOUT1, VOUT2, SD, and STBY Pins
-
-0.3 to 7.0
V
VDDI, FREQ, ILIM1, INV1, INV2, COMP1, COMP2, VREFIN, and VREFOUT
Pins
-
-0.3 to 3.0
V
Channel 1 Continuous Output Current (1)
IOUT1
+5.0
A
Channel 2 Continuous Output Current (1)
IOUT2
±3.0
A
ESD Voltage (2)
Human Body Model (3)
Charge Device Model
VESD1
VESD3
±2000
±750
V
THERMAL RATINGS
Operating Ambient Temperature (4)
TA
-40 to 85
°C
Storage Temperature
TSTG
-65 to +150
°C
Peak Package Reflow Temperature During Reflow (5), (6)
TPPRT
Note 6
°C
Maximum Junction Temperature
TJ(MAX)
+150
°C
Power Dissipation (TA = 85 °C)
(7)
PD
2.03
W
Notes
1.
Continuous output current capability so long as TJ is ≤ TJ(MAX).
2.
ESD testing is performed in accordance with the Human Body Model (HBM) (CZAP = 100 pF, RZAP = 1500 Ω) and the Charge Device
Model (CDM).
3.
SW1 pin complies with ±1000V Human Body Model.
4.
The limiting factor is junction temperature, taking into account power dissipation, thermal resistance, and heatsinking.
5.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
6.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL),
Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes and enter the core ID to view all orderable parts. (i.e.
MC33xxxD enter 33xxx), and review parametrics.
7.
Maximum power dissipation at indicated ambient temperature.


Número de pieza similar - MC34716EPR2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC34716EP/R2 FREESCALE-MC34716EP/R2 Datasheet
772Kb / 27P
   1.0 MHz Dual Switch-Mode DDR Power Supply
More results

Descripción similar - MC34716EPR2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC34716 FREESCALE-MC34716 Datasheet
772Kb / 27P
   1.0 MHz Dual Switch-Mode DDR Power Supply
logo
NXP Semiconductors
KT34716UG NXP-KT34716UG Datasheet
1,005Kb / 17P
   Using the 1.0 MHz Dual Switch-Mode DDR Power Supply
Rev. 3.0, 1/2009
logo
Freescale Semiconductor...
MC34712 FREESCALE-MC34712 Datasheet
547Kb / 24P
   3.0 A 1.0 MHz Fully Integrated DDR Switch-Mode Power Supply
MC34164-3 FREESCALE-MC34164-3 Datasheet
477Kb / 23P
   3.0 A 1.0 MHz Fully Integrated DDR Switch-Mode Power Supply
34717 FREESCALE-34717 Datasheet
651Kb / 25P
   5.0 A 1.0 MHz Fully Integrated Dual Switch-Mode Dual Switch-Mode Power Supply
logo
NXP Semiconductors
KT34712UG NXP-KT34712UG Datasheet
2Mb / 16P
   Using the 3.0 A 1.0 MHz Fully Integrated DDR Switch-Mode Power Supply
Rev. 4.0, 1/2009
logo
Freescale Semiconductor...
MC34717 FREESCALE-MC34717 Datasheet
778Kb / 28P
   5.0 A 1.0 MHz Fully Integrated Dual Switch-Mode Power Supply
logo
NXP Semiconductors
KT34717UG NXP-KT34717UG Datasheet
1Mb / 20P
   Using the 5.0 A 1.0 MHz Fully Integrated Dual Switch-Mode Power Supply
Rev. 3.0, 1/2009
logo
Freescale Semiconductor...
MC34713 FREESCALE-MC34713 Datasheet
587Kb / 23P
   5.0 A 1.0 MHz Fully Integrated Single Switch-Mode Power Supply
34712 FREESCALE-34712 Datasheet
477Kb / 23P
   3.0A 1.0MHz Fully Integrated DDR Switch-Mode Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com