Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD1987 Datasheet(PDF) 8 Page - Analog Devices

No. de pieza AD1987
Descripción Electrónicos  High Definition Audio SoundMAX Codec
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD1987 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD1987 Datasheet HTML 4Page - Analog Devices AD1987 Datasheet HTML 5Page - Analog Devices AD1987 Datasheet HTML 6Page - Analog Devices AD1987 Datasheet HTML 7Page - Analog Devices AD1987 Datasheet HTML 8Page - Analog Devices AD1987 Datasheet HTML 9Page - Analog Devices AD1987 Datasheet HTML 10Page - Analog Devices AD1987 Datasheet HTML 11Page - Analog Devices AD1987 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Rev. 0
|
Page 8 of 18
|
May 2007
AD1987
ABSOLUTE MAXIMUM RATINGS
Stresses greater than those listed below may cause permanent
damage to the device. This is a stress rating only; functional
operation of the device at these or any other conditions above
those indicated in the operational section of this specification is
not implied. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
ESD SENSITIVITY
ENVIRONMENTAL CONDITIONS
Ambient Temperature Rating
TAMB = TCASE – (PD
× θCA)
TCASE = Case Temperature in
°C
PD = Power Dissipation in W
θCA = Thermal Resistance (Case-to-Ambient)
θJA = Thermal Resistance (Junction-to-Ambient)
θJC = Thermal Resistance (Junction-to-Case)
All measurements per EIA-JESD51 with 2S2P test board per
EIA-JESD51-7.
Power Supplies
Min
Max
Units
Digital (DVDD)
–0.30
+3.65
V
Digital I/O (DVIO)
–0.30
+3.65
V
Analog (AVDD)
–0.30
+3.65
V
Input Current (except supply pins)
±10.0
mA
Analog Input Voltage (Signal Pins)
–0.30
AVDD + 0.3 V
Digital Input Voltage (Signal Pins)
–0.30
DVIO + 0.3
V
Ambient Temperature (Operating) 0
+70
°C
Storage Temperature
–65
+150
°C
ESD (electrostatic discharge) sensitive device.
Charged devices and circuit boards can discharge
without detection. Although this product features
patented or proprietary circuitry, damage may occur
on devices subjected to high energy ESD. Therefore,
proper ESD precautions should be take to avoid
performance degradation or loss of functionality.
Table 4. Thermal Resistance
Package
θJA
θJC
θCA
Unit
LFCSP_VQ
97
15
32
°C/W


Número de pieza similar - AD1987

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD1987 AD-AD1987_15 Datasheet
838Kb / 20P
   High Definition Audio SoundMAX Codec
REV. A
More results

Descripción similar - AD1987

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD1884A AD-AD1884A Datasheet
315Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1987 AD-AD1987_15 Datasheet
838Kb / 20P
   High Definition Audio SoundMAX Codec
REV. A
AD1984 AD-AD1984 Datasheet
1Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882 AD-AD1882 Datasheet
843Kb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1989B AD-AD1989B Datasheet
412Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984 AD-AD1984_15 Datasheet
1Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1988B AD-AD1988B_15 Datasheet
2Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1884 AD-AD1884 Datasheet
1Mb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984A AD-AD1984A Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1883 AD-AD1883 Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882 AD-AD1882_15 Datasheet
799Kb / 16P
   High Definition Audio SoundMAX Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com