Nombre de pieza
         Descripción
APTD3216PBC

 3.2 x 1.6mm SMD CHIP LED LAMP ( 5 Page)


KINGBRIGHT
100% 
Zoom Out Zoom In
   
 5 page
background image
SPEC NO: DSAE9926
REV NO: V.6
DATE: MAY/07/2007
PAGE: 5 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1203004171
PACKING & LABEL SPECIFICATIONS
APTD3216PBC/A
1  2  3  4  5 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
APTD3216CGCK3.2 x 1.6mm SMD CHIP LED LAMP 1 2 3 4 5 Kingbright Corporation
APTD3216EC3.2 x 1.6mm SMD CHIP LED LAMP 1 2 3 4 5 Kingbright Corporation
APTD3216MBC3.2 x 1.6mm SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation
APTD3216MGC3.2 x 1.6mm SMD CHIP LED LAMP 1 2 3 4 5 Kingbright Corporation
APA1606MGC1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP 1 2 3 4 5 Kingbright Corporation
APA3010PBC3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP 1 2 3 4 5 Kingbright Corporation
APTC2012SECK2.0 x1.25mm SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation
AP1608SECK1.6X0.8mm SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation
APA1606PBC1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP 1 2 3 4 5 Kingbright Corporation
APA3010QBC3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP 1 2 3 4 5 Kingbright Corporation

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl