|
| AA3020SEC |
|
||
|
KINGBRIGHT |
|
4 page
SPEC NO: DSAD1215 REV NO: V.4 DATE: MAR/17/2005 PAGE: 4 OF 4 APPROVED: J. Lu CHECKED: Allen Liu DRAWN: H.Q.YUAN ERP:1201000133 Recommended Soldering Pattern (Units : mm) Tape Specifications (Units : mm) AA3020SEC Remarks: If special sorting is required (e.g. binning based on forward voltage, luminous intensity, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters. |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| AA3020CGCK | 3.0x2.0mm SURFACE MOUNT LED LAMP | 1 2 3 4 | Kingbright Corporation |
| QTLP650C-2 | SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206 | 1 2 3 4 5 More | Fairchild Semiconductor |
| AM23ESGC | SOT-23 SURFACE MOUNT LED LAMP | 1 2 3 4 5 More | Kingbright Corporation |
| AM23ID-F | SOT-23 SURFACE MOUNT LED LAMP | 1 2 3 4 5 | Kingbright Corporation |
| QTLP600C-23 | SURFACE MOUNT LED LAMP STANDARD BRIGHT 0606 | 1 2 3 4 5 More | Fairchild Semiconductor |
| APTF3216PBAVGASUK | 3.2mm x 1.6mm FULL-COLOR SURFACE MOUNT LED LAMP | 1 2 3 4 5 More | Kingbright Corporation |
| APA2106ZGC | 2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP | 1 2 3 4 5 | Kingbright Corporation |
| APA2106CGCK | 2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP | 1 2 3 4 5 | Kingbright Corporation |
| NTE30074 | Light Emitting Diode LED 1206 Surface Mount | 1 2 3 | NTE Electronics |
| SEC1001 | 3x1.5 Surface Mount LED Flat Lens | 1 | Sanken electric |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |