Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PDZ3.9B Datasheet(PDF) 6 Page - NXP Semiconductors |
|
PDZ3.9B Datasheet(HTML) 6 Page - NXP Semiconductors |
6 / 8 page 1998 Apr 23 6 Philips Semiconductors Product specification Voltage regulator diodes PDZ-B series PACKAGE OUTLINE REFERENCES OUTLINE VERSION EUROPEAN PROJECTION ISSUE DATE IEC JEDEC EIAJ SOD323 98-09-14 0 1 2 mm scale SOD323 UNIT bp cD E Qv mm 0.40 0.25 + 0.05 − 0.05 0.25 0.10 0.2 1.35 1.15 1.8 1.6 A 1.1 0.8 HE 2.7 2.3 0.25 0.15 Lp 0.45 0.15 DIMENSIONS (mm are the original dimensions) D 12 HE Lp A E bp A1 Q Note 1. The marking bar indicates the cathode. A1 max. Plastic surface mounted package; 2 leads , v M A A c (1) |
Número de pieza similar - PDZ3.9B |
|
Descripción similar - PDZ3.9B |