Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8667ARZ-REEL Datasheet(PDF) 4 Page - Analog Devices

No. de pieza AD8667ARZ-REEL
Descripción Electrónicos  16 V, 250 關A, Dual Precision, CMOS, Rail-to-Rail Output Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8667ARZ-REEL Datasheet(HTML) 4 Page - Analog Devices

  AD8667ARZ-REEL Datasheet HTML 1Page - Analog Devices AD8667ARZ-REEL Datasheet HTML 2Page - Analog Devices AD8667ARZ-REEL Datasheet HTML 3Page - Analog Devices AD8667ARZ-REEL Datasheet HTML 4Page - Analog Devices AD8667ARZ-REEL Datasheet HTML 5Page - Analog Devices AD8667ARZ-REEL Datasheet HTML 6Page - Analog Devices AD8667ARZ-REEL Datasheet HTML 7Page - Analog Devices AD8667ARZ-REEL Datasheet HTML 8Page - Analog Devices AD8667ARZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD8667
Rev. 0 | Page 4 of 16
VS = 16 V, VCM = VS/2, TA = 25°C unless otherwise noted.
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
VCM = 8 V
40
300
μV
−40°C < TA < +125°C
350
μV
VCM = 0 V to 14.5 V
70
300
μV
−40°C < TA < +85°C
450
μV
VCM = 0.2 V to 14.5 V, −40°C < TA < +125°C
450
μV
Input Bias Current
IB
0.3
pA
−40°C < TA < +85°C
30
pA
−40°C < TA < +125°C
250
pA
Input Offset Current
IOS
0.2
pA
−40°C < TA < +85°C
25
pA
−40°C < TA < +125°C
150
pA
Input Voltage Range
IVR
−40°C < TA < +85°C
0
14.5
V
−40°C < TA < +125°C
0.2
14.5
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 14.5 V
90
100
dB
VCM = 0.2 V to 14.5 V, −40°C < TA < +125°C
90
100
dB
Large Signal Voltage Gain
AVO
RL = 2 kΩ, VO = 0.5 V to 15.5 V
112
124
dB
Offset Voltage Drift
ΔVOS/ΔT
1.2
5
μV/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
IL = 1 mA
15.8
15.9
V
IL = 10 mA
14.8
15.1
V
IL = 10 mA, −40°C < TA < +125°C
14.65
14.8
V
Output Voltage Low
VOL
IL = 1 mA
80
100
mV
IL = 10 mA
600
720
mV
IL = 10 mA, −40°C < TA < +125°C
800
900
mV
Short-Circuit Current
ISC
±50
mA
Closed-Loop Output Impedance
ZOUT
f = 100 kHz, AV = 1
100
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 5 V to 16 V, −40°C < TA < +125°C
95
105
dB
Supply Current/Amplifier
ISY
230
285
μA
−40°C < TA < +125°C
325
μA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 kΩ
0.3
V/μs
Settling Time
tS
To 0.1%, 0 V to 2 V step
12
μs
Gain Bandwidth Product
GBP
600
kHz
Phase Margin
ΦM
60
Degrees
NOISE PERFORMANCE
Peak-to-Peak Noise
en p-p
f = 0.1 Hz to 10 Hz
3
μV p-p
Voltage Noise Density
en
f = 1 kHz
23
nV/√Hz
f = 10 kHz
21
nV/√Hz
Current Noise Density
in
f = 1 kHz
0.05
pA/√Hz


Número de pieza similar - AD8667ARZ-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8667ARZ-REEL AD-AD8667ARZ-REEL Datasheet
1Mb / 16P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
AD8667ARZ-REEL AD-AD8667ARZ-REEL Datasheet
657Kb / 15P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
AD8667ARZ-REEL1 AD-AD8667ARZ-REEL1 Datasheet
825Kb / 16P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
Rev. A
AD8667ARZ-REEL7 AD-AD8667ARZ-REEL7 Datasheet
1Mb / 16P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
AD8667ARZ-REEL7 AD-AD8667ARZ-REEL7 Datasheet
657Kb / 15P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
More results

Descripción similar - AD8667ARZ-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8667 AD-AD8667_15 Datasheet
850Kb / 16P
   16 V, 250 A, Dual Precision, CMOS, Rail-to-Rail Output Operational Amplifier
REV. 0
logo
New Japan Radio
NJU7027 NJRC-NJU7027 Datasheet
315Kb / 11P
   13關A/ch, Rail-to-Rail Output Dual CMOS Operational Amplifier
logo
Analog Devices
AD8698 AD-AD8698 Datasheet
317Kb / 20P
   Dual Precision, Rail-to-Rail Output Operational Amplifier
REV. 0
logo
SG Micro Corp
SGM8621 SGMICRO-SGM8621 Datasheet
662Kb / 18P
   250關A, 3MHz, Rail-to-Rail I/O CMOS Operational Amplifier
logo
Advanced Linear Devices
ALD2711A ALD-ALD2711A Datasheet
48Kb / 6P
   DUAL MICROPOWER PRECISION RAIL TO RAIL CMOS OPERATIONAL AMPLIFIER
ALD2711A ALD-ALD2711A_V01 Datasheet
481Kb / 9P
   DUAL MICROPOWER PRECISION RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2018
ALD2711 ALD-ALD2711_11 Datasheet
85Kb / 9P
   DUAL MICROPOWER PRECISION RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
TLV07 TI1-TLV07 Datasheet
263Kb / 21P
[Old version datasheet]   36-V Precision, Rail-to-Rail Output Operational Amplifier
logo
National Semiconductor ...
LMP2012QML NSC-LMP2012QML Datasheet
326Kb / 12P
   Dual High Precision, Rail-to-Rail Output Operational Amplifier
logo
Texas Instruments
LMP2011 TI1-LMP2011 Datasheet
1Mb / 33P
[Old version datasheet]   Dual High Precision, Rail-to-Rail Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com