Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM-110C3-433 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

No. de pieza AM-110C3-433
Descripción Electrónicos  118 SERIES AM REMOTE CONTROL SYSTEMS.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

AM-110C3-433 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AM-110C3-433 Datasheet HTML 1Page - List of Unclassifed Manufacturers AM-110C3-433 Datasheet HTML 2Page - List of Unclassifed Manufacturers AM-110C3-433 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DS118 Issue 6 Jan 03
2003 REG No 277 4001, ENGLAND.
Page 3
‘118’ SERIES AM REMOTE CONTROL SYSTEMS.
Technical Specifications
Storage Temperature; -10 to +70
o Celsius. Operating Temperature; 0 to +55o Celsius.
Transmitter Keyfob
Battery Type
GP23A
ELECTRICAL CHARACTERISTICS
MIN
TYPICAL
MAX
DIMENSION
Supply Voltage
8.5
9
16
V
Supply Current : Quiescent
0
mA
Supply Current : all relays operating
8
mA
Operating frequency
315MHz Versions
433MHz Versions
315
433.92
MHz
MHz
Receiver / Decoder
Enclosure Dimensions
110 x 85 x 35mm
PCB Dimensions
74 x 68mm
ELECTRICAL CHARACTERISTICS
MIN
TYPICAL
MAX
DIMENSION
Supply Voltage for 24Vdc
24.0
30.0
V
Supply Voltage for 12Vdc
9
12.0
16.0
V
Supply Current :
Quiescent
10
mA
All Relays operating
200
mA
Mains rated Relay Rating ( 230Vac )
5
12
A
2
A
Low voltage Relay Rating
At 12Vdc
At 50Vdc
1
A
For more information or general enquiries, please call;
R F Solutions Ltd.,
Unit 21, Cliffe Industrial Estate,
Lewes, E. Sussex. BN8 6JL.
England.
Email : sales@rfsolutions.co.uk
http://www.rfsolutions.co.uk
Tel: +44 (0)1273 898 000
Fax: +44 (0)1273 480 661
RF Solutions is a member of the Low Power Radio Association.
Information contained in this document is believed to be accurate , however no representation or warranty is given and no liability is assumed by R.F. Solutions Ltd. with respect to the accuracy of
such information. Use of R.F.Solutions as critical components in life support systems is not authorised except with express written approval from R.F.Solutions Ltd.


Número de pieza similar - AM-110C3-433

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
rfsolutions.ltd
AM-110C1-315 RFSOLUTIONS-AM-110C1-315 Datasheet
55Kb / 4P
   RF RECEIVER DECODER HYBRID.
AM-110C1-433 RFSOLUTIONS-AM-110C1-433 Datasheet
55Kb / 4P
   RF RECEIVER DECODER HYBRID.
More results

Descripción similar - AM-110C3-433

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
rfsolutions.ltd
TRAP RFSOLUTIONS-TRAP Datasheet
3Mb / 8P
   TRAP Remote Control Systems
ESPRIT RFSOLUTIONS-ESPRIT Datasheet
3Mb / 8P
   Professional Remote Control Systems
logo
RF Micro Devices
VIPER-S1 RFMD-VIPER-S1 Datasheet
1Mb / 6P
   VIPER Remote Control Systems
logo
rfsolutions.ltd
ELITE-L RFSOLUTIONS-ELITE-L Datasheet
3Mb / 9P
   Professional Remote Control Systems
VIPER RFSOLUTIONS-VIPER Datasheet
2Mb / 7P
   VIPER Remote Control Systems
FIREFLY-S1 RFSOLUTIONS-FIREFLY-S1 Datasheet
1Mb / 6P
   RADIO REMOTE CONTROL SYSTEMS
logo
Integral Corp.
ILMS5360 INTEGRAL-ILMS5360 Datasheet
283Kb / 4P
   MICROCIRCUIT FOR REMOTE CONTROL SYSTEMS
ILMS5380 INTEGRAL-ILMS5380 Datasheet
286Kb / 4P
   MICROCIRCUIT FOR REMOTE CONTROL SYSTEMS
logo
rfsolutions.ltd
119S1-433A RFSOLUTIONS-119S1-433A Datasheet
75Kb / 5P
   KEELOQ REMOTE CONTROL SYSTEMS, 230Vac
114C1-075FR6 RFSOLUTIONS-114C1-075FR6 Datasheet
61Kb / 4P
   TRAP REMOTE CONTROL SYSTEMS (SW ADDRESSING)
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com