Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADR1581ARTZ-REEL Datasheet(PDF) 7 Page - Analog Devices

No. de pieza ADR1581ARTZ-REEL
Descripción Electrónicos  1.25 V Micropower, Precision Shunt Voltage Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADR1581ARTZ-REEL Datasheet(HTML) 7 Page - Analog Devices

Back Button ADR1581ARTZ-REEL Datasheet HTML 3Page - Analog Devices ADR1581ARTZ-REEL Datasheet HTML 4Page - Analog Devices ADR1581ARTZ-REEL Datasheet HTML 5Page - Analog Devices ADR1581ARTZ-REEL Datasheet HTML 6Page - Analog Devices ADR1581ARTZ-REEL Datasheet HTML 7Page - Analog Devices ADR1581ARTZ-REEL Datasheet HTML 8Page - Analog Devices ADR1581ARTZ-REEL Datasheet HTML 9Page - Analog Devices ADR1581ARTZ-REEL Datasheet HTML 10Page - Analog Devices ADR1581ARTZ-REEL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADR1581
Rev. 0 | Page 7 of 12
1.2488
1.2498
1.2500
1.2502
1.2504
1.2506
1.2508
1.2494
1.2496
1.2490
1.2492
VMAX
VMIN
SLOPE = TC =
(VMAX – VO)
(+85°C – +25°C) × 1.250V × 10–6
SLOPE = TC =
(VMIN – VO)
(–40°C – +25°C) × 1.250V × 10–6
VO
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)
600
300
0
500
400
200
100
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)
Figure 12. Output Voltage vs. Temperature
Figure 13. Residual Drift Error
REVERSE VOLTAGE HYSTERESIS
For example, the ADR1581BRT initial tolerance is ±1.5 mV;
a ±50 ppm/°C temperature coefficient corresponds to an error
band of ±4.1 mV (50 × 10−6 × 1.250 V × 65°C). Therefore, the
unit is guaranteed to be 1.250 V ± 5.6 mV over the operating
temperature range.
A major requirement for high performance industrial
equipment manufacturers is a consistent output voltage at
nominal temperature following operation over the operating
temperature range. This characteristic is generated by measuring
the difference between the output voltage at +25°C after operating
at +85°C and the output voltage at +25°C after operating at −40°C.
Duplication of these results requires a combination of high
accuracy and stable temperature control in a test system. Evaluation
of the ADR1581 produces curves similar to those in
Figure 14 displays the hysteresis associated with the ADR1581.
This characteristic exists in all references and has been minimized
in the ADR1581.
Figure 4
and Figure 12.
VOLTAGE OUTPUT NONLINEARITY VS.
TEMPERATURE
0
15
20
25
30
35
40
5
10
HYSTERESIS VOLTAGE (µV)
–400
–300
–200
–100
0
100
200
300
400
When a reference is used with data converters, it is important to
understand how temperature drift affects the overall converter
performance. The nonlinearity of the reference output drift
represents additional error that is not easily calibrated out of the
system. The usual way of showing the reference output drift is to
plot the reference voltage vs. temperature (see Figure 12). An
alternative method is to draw a straight line between the
temperature endpoints and measure the deviation of the output
from the straight line. This shows the same data in a different
format. This characteristic (see Figure 13) is generated by
normalizing the measured drift characteristic to the endpoint
average drift. The residual drift error of approximately 500 ppm
shows that the ADR1581 is compatible with systems that require
10-bit accurate temperature performance.
Figure 14. Reverse Voltage Hysteresis Distribution


Número de pieza similar - ADR1581ARTZ-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADR1581ARTZ-REEL71 AD-ADR1581ARTZ-REEL71 Datasheet
904Kb / 12P
   1.25 V Micropower, Precision Shunt Voltage Reference
REV. 0
More results

Descripción similar - ADR1581ARTZ-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADR1581 AD-ADR1581_15 Datasheet
904Kb / 12P
   1.25 V Micropower, Precision Shunt Voltage Reference
REV. 0
ADR1581BRTZ-REEL7 AD-ADR1581BRTZ-REEL7 Datasheet
904Kb / 12P
   1.25 V Micropower, Precision Shunt Voltage Reference
REV. 0
AD1580ART-REEL7 AD-AD1580ART-REEL7 Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580BRT-R2 AD-AD1580BRT-R2 Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
REV. F
AD1580BRT AD-AD1580BRT Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com