2 / 6 page
TC1101
TRANSCOM, INC., 90 Dasoong 7th Road, Tainan Science-Based Industrial Park, Shanhua Jen, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
4
G
D
S
S
250 ± 12
ABSOLUTE MAXIMUM RATINGS (TA=25
°°°°C)
Symbol
Parameter
Rating
VDS
Drain-Source Voltage
7.0 V
VGS
Gate-Source Voltage
-3.0 V
IDS
Drain Current
IDSS
IGS
Gate Current
160
µA
Pin
RF Input Power, CW
14 dBm
PT
Continuous Dissipation
150 mW
TCH
Channel Temperature
175
°C
TSTG
Storage Temperature
- 65
°C to +175 °C
TYPICAL NOISE PARAMETERS (TA=25
°°°°C)
VDS = 2 V, IDS = 10 mA
Γopt
Frequency
(GHz)
NFopt
(dB)
GA
(dB)
MAG
ANG
Rn/50
2
0.38
19.8
0.99
4
1.52
4
0.40
17.5
0.90
9
1.05
6
0.42
15.6
0.82
18
0.77
8
0.45
13.9
0.76
29
0.61
10
0.50
13.1
0.69
43
0.51
12
0.55
12.4
0.63
55
0.44
14
0.64
11.7
0.56
65
0.37
16
0.78
11.1
0.45
76
0.30
18
0.95
10.6
0.34
90
0.24
CHIP DIMENSIONS
Units: Micrometers
Gate Pad: 55 x 50
Chip Thickness: 100
Drain Pad: 55 x 50
Source Pad: 55 x 60