4 / 6 page
TC1101
TRANSCOM, INC., 90 Dasoong 7th Road, Tainan Science-Based Industrial Park, Shanhua Jen, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
6
TYPICAL SCATTERING PARAMETERS (TA=25
°°°°C)
VDS = 4 V, IDS = 25 mA
FREQUENCY
S11
S21
S12
S22
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
2
0.9861
-22.03
5.2729
161.97
0.0218
76.68
0.7718
-10.24
3
0.9704
-32.59
5.1264
153.31
0.0318
70.37
0.7586
-15.08
4
0.9507
-42.66
4.9406
145.03
0.0408
64.44
0.7422
-19.62
5
0.9288
-52.16
4.7291
137.18
0.0488
58.94
0.7239
-23.82
6
0.9059
-61.05
4.5045
129.78
0.0558
53.89
0.7050
-27.69
7
0.8834
-69.32
4.2765
122.83
0.0618
49.28
0.6865
-31.23
8
0.8618
-76.97
4.0524
116.31
0.0669
45.10
0.6690
-34.49
9
0.8418
-84.05
3.8370
110.19
0.0712
41.30
0.6530
-37.49
10
0.8234
-90.59
3.6330
104.41
0.0749
37.85
0.6386
-40.28
11
0.8068
-96.63
3.4418
98.96
0.0781
34.72
0.6260
-42.90
12
0.7919
-102.23
3.2639
93.79
0.0807
31.86
0.6150
-45.37
13
0.7786
-107.40
3.0990
88.86
0.0830
29.24
0.6057
-47.73
14
0.7668
-112.21
2.9466
84.16
0.0850
26.83
0.5978
-49.99
15
0.7564
-116.69
2.8058
79.65
0.0867
24.60
0.5913
-52.18
16
0.7471
-120.86
2.6758
75.31
0.0882
22.54
0.5861
-54.32
17
0.7389
-124.76
2.5557
71.12
0.0895
20.62
0.5821
-56.41
18
0.7316
-128.41
2.4446
67.06
0.0906
18.82
0.5790
-58.46
• The data does not include gate, drain and source bond wires.
0
15
30
15
0
165
-180
-165
-150
-3
0
-15
Swp Max
18 GHz
Swp Min
2 GHz
Mag Max
0.1
0.01
Per Div
S12
10.0
5.
0
3.
0
4.
0
-0.2
-
0.4
Swp Max
18GHz
Swp Min
2GHz
S11
0
15
30
150
165
-180
-165
-1
50
-30
-15
Swp Max
18 GHz
Swp Min
2 GHz
Mag Max
6
2
Per Div
S21
10.0
5.0
3.0
4.0
-0.
2
-0.
4
Swp Max
18GHz
Swp Min
2GHz
S22