6 / 6 page
TC1101
TRANSCOM, INC., 90 Dasoong 7th Road, Tainan Science-Based Industrial Park, Shanhua Jen, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
8
CHIP HANDLING
DIE ATTACHMENT: Conductive epoxy or eutectic die attach is recommended. Eutectic die attach can be
accomplished with Au-Sn (80%Au-20%Sn) perform at stage temperature: 290
°C ± 5°C; Handling Tool:
Tweezers; Time: less than 1min.
WIRE BONDING: The recommended wire bond method is thermocompression bonding with 0.7 to 1.0 mil
(0.018 to 0.025 mm) gold wire. Stage temperature: 220
°C to 250°C; Bond Tip Temperature: 150°C; Bond
Force: 20 to 30 gms depending on size of wire and Bond Tip Temperature.
HANDLING PRECAUTIONS: The user must operate in a clean, dry environment. Care should be exercised
during handling avoid damage to the devices. Electrostatic Discharge (ESD) precautions should be observed at
all stages of storage, handling, assembly, and testing. The static discharge must be less than 300V.