Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC1102 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

No. de pieza TC1102
Descripción Electrónicos  Super Low Noise GaAs FETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

TC1102 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TC1102 Datasheet HTML 1Page - List of Unclassifed Manufacturers TC1102 Datasheet HTML 2Page - List of Unclassifed Manufacturers TC1102 Datasheet HTML 3Page - List of Unclassifed Manufacturers TC1102 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TRANSCOM
TC1102
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Shanhua Jen, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
11
TYPICAL SCATTERING PARAMETERS (TA=25
°°°°C)
VDS = 2 V, IDS = 10 mA
FREQUENCY
S11
S21
S12
S22
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
2
0.9909
-20.88
4.1640
163.83
0.0305
77.18
0.7466
-11.01
3
0.9805
-30.94
4.0654
156.02
0.0447
71.04
0.7346
-16.27
4
0.9673
-40.57
3.9385
148.51
0.0577
65.20
0.7193
-21.26
5
0.9524
-49.69
3.7916
141.35
0.0694
59.71
0.7019
-25.95
6
0.9367
-58.26
3.6326
134.56
0.0798
54.59
0.6835
-30.31
7
0.9209
-66.26
3.4682
128.16
0.0888
49.85
0.6650
-34.35
8
0.9057
-73.69
3.3038
122.13
0.0966
45.48
0.6471
-38.08
9
0.8913
-80.57
3.1430
116.45
0.1033
41.45
0.6302
-41.53
10
0.8780
-86.92
2.9885
111.09
0.1090
37.74
0.6146
-44.73
11
0.8659
-92.79
2.8417
106.02
0.1139
34.32
0.6005
-47.70
12
0.8551
-98.22
2.7033
101.22
0.1181
31.16
0.5880
-50.49
13
0.8453
-103.24
2.5737
96.66
0.1216
28.24
0.5770
-53.11
14
0.8366
-107.89
2.4526
92.32
0.1247
25.52
0.5674
-55.59
15
0.8290
-112.20
2.3399
88.16
0.1272
22.98
0.5593
-57.95
16
0.8222
-116.22
2.2349
84.17
0.1295
20.61
0.5525
-60.21
17
0.8163
-119.96
2.1373
80.33
0.1313
18.38
0.5468
-62.39
18
0.8111
-123.45
2.0464
76.64
0.1329
16.28
0.5423
-64.49
The data does not include gate, drain and source bond wires.
10.0
5.
0
3.
0
4.
0
-0.2
-
0.4
Swp Max
18GHz
Swp Min
2GHz
S11
0
15
30
15
0
165
-180
-165
-150
-3
0
-15
Swp Max
18 GHz
Swp Min
2 GHz
Mag Max
0.15
0.075
Per Div
S12
0
15
30
150
165
-180
-165
-1
50
-30
-15
Swp Max
18 GHz
Swp Min
2 GHz
Mag Max
5
1
Per Div
S21
10.0
5.0
3.0
4.0
-0.
2
-0.
4
Swp Max
18GHz
Swp Min
2GHz
S22


Número de pieza similar - TC1102

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PREMO CORPORATION S.L
TC1102 PREMO-TC1102 Datasheet
164Kb / 1P
   SMD Telecoil 10.5x1.4x2mm
logo
Transcom, Inc.
TC1102 TRANSCOM-TC1102 Datasheet
243Kb / 4P
   Super Low Noise GaAs FETs
logo
PREMO CORPORATION S.L
TC1102-35000J PREMO-TC1102-35000J Datasheet
164Kb / 1P
   SMD Telecoil 10.5x1.4x2mm
TC1102-46000J PREMO-TC1102-46000J Datasheet
164Kb / 1P
   SMD Telecoil 10.5x1.4x2mm
TC1102 PREMO-TC1102_14 Datasheet
164Kb / 1P
   SMD Telecoil 10.5X1, 4X2 mm
More results

Descripción similar - TC1102

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Transcom, Inc.
TC1202 TRANSCOM-TC1202 Datasheet
173Kb / 4P
   Super Low Noise GaAs FETs
logo
List of Unclassifed Man...
TC1202 ETC2-TC1202 Datasheet
111Kb / 4P
   Super Low Noise GaAs FETs
logo
Transcom, Inc.
TC1102 TRANSCOM-TC1102 Datasheet
243Kb / 4P
   Super Low Noise GaAs FETs
logo
Mimix Broadband
CFB0103 MIMIX-CFB0103 Datasheet
1Mb / 3P
   Low-Noise GaAs FETs
CFA0103 MIMIX-CFA0103_06 Datasheet
987Kb / 2P
   Low Noise GaAs FETs
CFA0103 MIMIX-CFA0103 Datasheet
981Kb / 2P
   Low Noise GaAs FETs
CFB0103 MIMIX-CFB0103_06 Datasheet
654Kb / 2P
   Low Noise GaAs FETs
logo
List of Unclassifed Man...
CFA0103 ETC1-CFA0103 Datasheet
469Kb / 2P
   LOW-NOISE GaAs FETS
logo
Transcom, Inc.
TC2201 TRANSCOM-TC2201 Datasheet
159Kb / 4P
   Plastic Packaged Low Noise PHEMT GaAs FETs
TC1201 TRANSCOM-TC1201 Datasheet
251Kb / 6P
   Low Noise and Medium Power GaAs FETs
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com