Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM27MBCK09 Datasheet(PDF) 2 Page - Kingbright Corporation

No. de pieza AM27MBCK09
Descripción Electrónicos  SUBMINIATURE SOLID STATE LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KINGBRIGHT [Kingbright Corporation]
Página de inicio  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AM27MBCK09 Datasheet(HTML) 2 Page - Kingbright Corporation

  AM27MBCK09 Datasheet HTML 1Page - Kingbright Corporation AM27MBCK09 Datasheet HTML 2Page - Kingbright Corporation AM27MBCK09 Datasheet HTML 3Page - Kingbright Corporation AM27MBCK09 Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPEC NO: DSAD1339
REV NO: V.3
DATE: MAR/07/2005
PAGE: 2 OF 4
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: W.J.ZHU
ERP:1202000281
Selection Guide
Note:
1.
θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25°C
Absolute Maximum Ratings at TA=25°C
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Part No.
Dice
Lens Type
Iv (mcd)
@ 20mA
Viewing
Angle
Min.
Typ.
2
θθθθ 1/2
AM27MBCK09
BLUE (GaN)
WATER CLEAR
10
30
20
°
Symbol
Parameter
Device
Typ.
Max.
Test Conditions
Units
λpeak
Peak Wavelength
Blue
430
nm
IF=20mA
λD
Dominant Wavelength
Blue
466
nm
IF=20mA
∆λ1/2
Spectral Line Half-width
Blue
60
nm
IF=20mA
C
Capacitance
Blue
100
pF
VF=0V;f=1MHz
VF
Forward Voltage
Blue
4.0
5.2
V
IF=20mA
IR
Reverse Current
Blue
10
uA
VR = 5V
Parameter
Blue
Units
Power dissipation
105
mW
DC Forward Current
30
mA
Peak Forward Current [1]
150
mA
Reverse Voltage
5
V
Operating/Storage Temperature
-40°C To +85°C


Número de pieza similar - AM27MBCK09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kingbright Corporation
AM27MBCK03 KINGBRIGHT-AM27MBCK03 Datasheet
127Kb / 4P
   SUBMINIATURE SOLID STATE LAMP
More results

Descripción similar - AM27MBCK09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kingbright Corporation
AM2520EF-4ID KINGBRIGHT-AM2520EF-4ID Datasheet
381Kb / 5P
   SUBMINIATURE SOLID STATE LAMP
logo
Gilway Technical Lamp
GHB-GW20-R GILWAY-GHB-GW20-R Datasheet
142Kb / 4P
   SUBMINIATURE SOLID STATE LAMP
logo
Kingbright Corporation
AM27SEC09 KINGBRIGHT-AM27SEC09 Datasheet
138Kb / 4P
   SUBMINIATURE SOLID STATE LAMP
AM27SGC09 KINGBRIGHT-AM27SGC09 Datasheet
302Kb / 5P
   SUBMINIATURE SOLID STATE LAMP
AM2520SGC08 KINGBRIGHT-AM2520SGC08 Datasheet
112Kb / 4P
   SUBMINIATURE SOLID STATE LAMP
AM27ID09 KINGBRIGHT-AM27ID09 Datasheet
123Kb / 4P
   SUBMINIATURE SOLID STATE LAMP
AM27MGC09 KINGBRIGHT-AM27MGC09 Datasheet
303Kb / 5P
   SUBMINIATURE SOLID STATE LAMP
AM27SYC03 KINGBRIGHT-AM27SYC03 Datasheet
122Kb / 4P
   SUBMINIATURE SOLID STATE LAMP
AM2520MGC03 KINGBRIGHT-AM2520MGC03_07 Datasheet
282Kb / 5P
   SUBMINIATURE SOLID STATE LAMP
AM2520SYC03 KINGBRIGHT-AM2520SYC03_05 Datasheet
120Kb / 4P
   SUBMINIATURE SOLID STATE LAMP
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com