Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC-7893-AZ Datasheet(PDF) 7 Page - California Eastern Labs

No. de pieza MC-7893-AZ
Descripción Electrónicos  1 GHz CATV 22 dB POWER DOUBLER AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CEL [California Eastern Labs]
Página de inicio  http://www.cel.com
Logo CEL - California Eastern Labs

MC-7893-AZ Datasheet(HTML) 7 Page - California Eastern Labs

  MC-7893-AZ Datasheet HTML 1Page - California Eastern Labs MC-7893-AZ Datasheet HTML 2Page - California Eastern Labs MC-7893-AZ Datasheet HTML 3Page - California Eastern Labs MC-7893-AZ Datasheet HTML 4Page - California Eastern Labs MC-7893-AZ Datasheet HTML 5Page - California Eastern Labs MC-7893-AZ Datasheet HTML 6Page - California Eastern Labs MC-7893-AZ Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
4590 Patrick Henry Drive
Santa Clara, CA 95054-1817
Telephone: (408) 919-2500
Facsimile: (408) 988-0279
Subject: Compliance with EU Directives
CEL certifies, to its knowledge, that semiconductor and laser products detailed below are compliant
with the requirements of European Union (EU) Directive 2002/95/EC Restriction on Use of Hazardous
Substances in electrical and electronic equipment (RoHS) and the requirements of EU Directive
2003/11/EC Restriction on Penta and Octa BDE.
CEL Pb-free products have the same base part number with a suffix added. The suffix –A indicates
that the device is Pb-free. The –AZ suffix is used to designate devices containing Pb which are
exempted from the requirement of RoHS directive (*). In all cases the devices have Pb-free terminals.
All devices with these suffixes meet the requirements of the RoHS directive.
This status is based on CEL’s understanding of the EU Directives and knowledge of the materials that
go into its products as of the date of disclosure of this information.
Restricted Substance
per RoHS
Concentration Limit per RoHS
(values are not yet fixed)
Concentration contained
in CEL devices
-A
-AZ
Lead (Pb)
< 1000 PPM
Not Detected
(*)
Mercury
< 1000 PPM
Not Detected
Cadmium
< 100 PPM
Not Detected
Hexavalent Chromium
< 1000 PPM
Not Detected
PBB
< 1000 PPM
Not Detected
PBDE
< 1000 PPM
Not Detected
If you should have any additional questions regarding our devices and compliance to environmental
standards, please do not hesitate to contact your local representative.
Important Information and Disclaimer: Information provided by CEL on its website or in other communications concerting the substance
content of its products represents knowledge and belief as of the date that it is provided. CEL bases its knowledge and belief on information
provided by third parties and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better
integrate information from third parties. CEL has taken and continues to take reasonable steps to provide representative and accurate
information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals. CEL and CEL
suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for
release.
In no event shall CEL’s liability arising out of such information exceed the total purchase price of the CEL part(s) at issue sold by CEL to
customer on an annual basis.
See CEL Terms and Conditions for additional clarification of warranties and liability.


Número de pieza similar - MC-7893-AZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
MC-7893-AZ NEC-MC-7893-AZ Datasheet
52Kb / 6P
   1 GHz CATV 23 dB POWER DOUBLER AMPLIFIER
logo
Renesas Technology Corp
MC-7893-AZ RENESAS-MC-7893-AZ Datasheet
279Kb / 8P
   GaAs MULTI-CHIP MODULE
2005
More results

Descripción similar - MC-7893-AZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
California Eastern Labs
MC-7866 CEL-MC-7866 Datasheet
25Kb / 2P
   CATV 22 dB POWER DOUBLER AMPLIFIER
logo
NEC
MC7866 NEC-MC7866 Datasheet
22Kb / 2P
   CATV 22 dB POWER DOUBLER AMPLIFIER
logo
California Eastern Labs
MC-7866G CEL-MC-7866G Datasheet
26Kb / 2P
   CATV 22 dB POWER DOUBLER AMPLIFIER
logo
NEC
MC-7866G NEC-MC-7866G Datasheet
23Kb / 2P
   CATV 22 dB POWER DOUBLER AMPLIFIER
logo
California Eastern Labs
MC-7894 CEL-MC-7894 Datasheet
267Kb / 5P
   1 GHz CATV 24 dB POWER DOUBLER AMPLIFIER
MC-7896 CEL-MC-7896 Datasheet
153Kb / 5P
   1 GHz CATV 27 dB POWER DOUBLER AMPLIFIER
logo
NEC
MC-7893 NEC-MC-7893 Datasheet
52Kb / 6P
   1 GHz CATV 23 dB POWER DOUBLER AMPLIFIER
logo
California Eastern Labs
MC-7891 CEL-MC-7891 Datasheet
855Kb / 5P
   1 GHz CATV 19 dB POWER DOUBLER AMPLIFIER
logo
NEC
MC-7894 NEC-MC-7894 Datasheet
53Kb / 6P
   1 GHz CATV 25 dB POWER DOUBLER AMPLIFIER
logo
Skyworks Solutions Inc.
ACA2786 SKYWORKS-ACA2786 Datasheet
487Kb / 6P
   1 GHz, 25 dB Gain CATV Power Doubler Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com