Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74ABT543A Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74ABT543A
Descripción Electrónicos  OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT543A Datasheet(HTML) 4 Page - Texas Instruments

  SN74ABT543A Datasheet HTML 1Page - Texas Instruments SN74ABT543A Datasheet HTML 2Page - Texas Instruments SN74ABT543A Datasheet HTML 3Page - Texas Instruments SN74ABT543A Datasheet HTML 4Page - Texas Instruments SN74ABT543A Datasheet HTML 5Page - Texas Instruments SN74ABT543A Datasheet HTML 6Page - Texas Instruments SN74ABT543A Datasheet HTML 7Page - Texas Instruments SN74ABT543A Datasheet HTML 8Page - Texas Instruments SN74ABT543A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
SN54ABT543A, SN74ABT543A
OCTAL REGISTERED TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS157F – JANUARY 1991 – REVISED MAY 1997
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 3)
SN54ABT543A
SN74ABT543A
UNIT
MIN
MAX
MIN
MAX
UNIT
VCC
Supply voltage
4.5
5.5
4.5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
VI
Input voltage
0
VCC
0
VCC
V
IOH
High-level output current
–24
–32
mA
IOL
Low-level output current
48
64
mA
∆t/∆v
Input transition rise or fall rate
Outputs enabled
5
5
ns/V
TA
Operating free-air temperature
–55
125
–40
85
°C
NOTE 3: Unused pins (input or I/O) must be held high or low to prevent them from floating.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TA = 25°C
SN54ABT543A
SN74ABT543A
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
MAX
MIN
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
–1.2
–1.2
V
VCC = 4.5 V,
IOH = –3 mA
2.5
2.5
2.5
VOH
VCC = 5 V,
IOH = –3 mA
3
3
3
V
VOH
VCC =4 5V
IOH = –24 mA
2
2
V
VCC = 4.5 V
IOH = –32 mA
2*
2
VOL
VCC =4 5V
IOL = 48 mA
0.55
0.55
V
VOL
VCC = 4.5 V
IOL = 64 mA
0.55*
0.55
V
Vhys
100
mV
II
Control inputs
VCC =5 5V
VI =VCC or GND
±1
±1
±1
µA
II
A or B ports
VCC = 5.5 V,
VI = VCC or GND
±100
±100
±100
µA
IOZH‡
VCC = 5.5 V,
VO = 2.7 V
10§
10§
10§
µA
IOZL‡
VCC = 5.5 V,
VO = 0.5 V
–10§
–10§
–10§
µA
Ioff
VCC = 0,
VI or VO ≤ 4.5 V
±100
±100
µA
ICEX
VCC = 5.5 V,
VO = 5.5 V
Outputs high
50
50
50
µA
IO¶
VCC = 5.5 V,
VO = 2.5 V
–50*
–100
–180*
–50
–200
–50
–180
mA
VCC = 5.5 V,
Outputs high
1
250*
350
250
µA
ICC
A or B ports
VCC = 5.5 V,
IO = 0,
Outputs low
24
30*
34
30
mA
VI = VCC or GND
Outputs disabled
0.5
250*
350
250
µA
∆ICC#
VCC = 5.5 V, One input at 3.4 V,
Other inputs at VCC or GND
1.5
1.5
1.5
mA
Ci
Control inputs
VI = 2.5 V or 0.5 V
4
pF
Cio
A or B ports
VO = 2.5 V or 0.5 V
7
pF
* On products compliant to MIL-PRF-38535, this parameter does not apply.
† All typical values are at VCC = 5 V.
‡ The parameters IOZH and IOZL include the input leakage current.
§ This data sheet limit may vary among suppliers.
¶ Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
# This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.


Número de pieza similar - SN74ABT543A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74ABT543A TI-SN74ABT543A Datasheet
435Kb / 18P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABT543A TI-SN74ABT543A Datasheet
108Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ABT543A TI-SN74ABT543A Datasheet
606Kb / 20P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABT543ADB TI-SN74ABT543ADB Datasheet
435Kb / 18P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABT543ADB TI-SN74ABT543ADB Datasheet
108Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Descripción similar - SN74ABT543A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN54BCT544 TI-SN54BCT544 Datasheet
89Kb / 6P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT652A TI-SN54ABT652A Datasheet
450Kb / 20P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54BCT543 TI-SN54BCT543_08 Datasheet
447Kb / 16P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT543A TI-SN54ABT543A_08 Datasheet
606Kb / 20P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74BCT543 TI-SN74BCT543 Datasheet
303Kb / 13P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT652A TI-SN54ABT652A_07 Datasheet
498Kb / 23P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT543 TI1-SN54ABT543 Datasheet
140Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT652A TI-SN54ABT652A_08 Datasheet
621Kb / 22P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT543A TI-SN54ABT543A Datasheet
435Kb / 18P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54BCT543 TI-SN54BCT543 Datasheet
100Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com