Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD74HC75PWT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CD74HC75PWT
Descripción Electrónicos  Dual 2-Bit Bistable Transparent Latch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CD74HC75PWT Datasheet(HTML) 10 Page - Texas Instruments

Back Button CD74HC75PWT Datasheet HTML 6Page - Texas Instruments CD74HC75PWT Datasheet HTML 7Page - Texas Instruments CD74HC75PWT Datasheet HTML 8Page - Texas Instruments CD74HC75PWT Datasheet HTML 9Page - Texas Instruments CD74HC75PWT Datasheet HTML 10Page - Texas Instruments CD74HC75PWT Datasheet HTML 11Page - Texas Instruments CD74HC75PWT Datasheet HTML 12Page - Texas Instruments CD74HC75PWT Datasheet HTML 13Page - Texas Instruments CD74HC75PWT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
CD74HCT75E
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
CD74HCT75EE4
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
CD74HCT75M
ACTIVE
SOIC
D
16
40
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD74HCT75ME4
ACTIVE
SOIC
D
16
40
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD74HCT75MG4
ACTIVE
SOIC
D
16
40
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
1-Jun-2007
Addendum-Page 2


Número de pieza similar - CD74HC75PWT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HC75PWT TI-CD74HC75PWT Datasheet
348Kb / 15P
[Old version datasheet]   Dual 2-Bit Bistable Transparent Latch
CD74HC75PWT TI-CD74HC75PWT Datasheet
508Kb / 17P
[Old version datasheet]   Dual 2-Bit Bistable Transparent Latch
CD74HC75PWTE4 TI-CD74HC75PWTE4 Datasheet
348Kb / 15P
[Old version datasheet]   Dual 2-Bit Bistable Transparent Latch
CD74HC75PWTE4 TI-CD74HC75PWTE4 Datasheet
508Kb / 17P
[Old version datasheet]   Dual 2-Bit Bistable Transparent Latch
CD74HC75PWTG4 TI-CD74HC75PWTG4 Datasheet
508Kb / 17P
[Old version datasheet]   Dual 2-Bit Bistable Transparent Latch
More results

Descripción similar - CD74HC75PWT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD54HC75 TI-CD54HC75_08 Datasheet
508Kb / 17P
[Old version datasheet]   Dual 2-Bit Bistable Transparent Latch
CD74HC75 TI-CD74HC75 Datasheet
56Kb / 8P
[Old version datasheet]   Dual 2-Bit Bistable Transparent Latch
CD54HC75 TI-CD54HC75 Datasheet
348Kb / 15P
[Old version datasheet]   Dual 2-Bit Bistable Transparent Latch
logo
Intersil Corporation
HCTS75MS INTERSIL-HCTS75MS Datasheet
136Kb / 9P
   Radiation Hardened Dual 2-Bit Bistable Transparent Latch
September 1995
logo
NXP Semiconductors
74HC75 PHILIPS-74HC75 Datasheet
57Kb / 7P
   Quad bistable transparent latch
December 1990
logo
Hitachi Semiconductor
HD74HC77 HITACHI-HD74HC77 Datasheet
48Kb / 9P
   4-bit Bistable Latch
logo
Renesas Technology Corp
HD74HC77 RENESAS-HD74HC77 Datasheet
96Kb / 7P
   4-bit Bistable Latch
logo
IK Semicon Co., Ltd
IN74HC75A IKSEMICON-IN74HC75A Datasheet
218Kb / 6P
   Dual 2-Bit Transparent Latch High-Performance Silicon-Gate CMOS
logo
Integral Corp.
IN74HC75A INTEGRAL-IN74HC75A Datasheet
214Kb / 6P
   Dual 2-Bit Transparent Latch High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HC75 SLS-SL74HC75 Datasheet
45Kb / 5P
   Dual 2-Bit Transparent Latch(High-Performance Silicon-Gate CMOS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com