Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM50-0012 Datasheet(PDF) 2 Page - Tyco Electronics

No. de pieza AM50-0012
Descripción Electrónicos  High Dynamic Range LNA 1700-2400 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MACOM [Tyco Electronics]
Página de inicio  http://www.macom.com
Logo MACOM - Tyco Electronics

AM50-0012 Datasheet(HTML) 2 Page - Tyco Electronics

  AM50-0012_1 Datasheet HTML 1Page - Tyco Electronics AM50-0012_1 Datasheet HTML 2Page - Tyco Electronics AM50-0012_1 Datasheet HTML 3Page - Tyco Electronics AM50-0012_1 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
High Dynamic Range LNA
1700 - 2400 MHz
AM50-0012
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
2
Electrical Specifications: TA = 25°C, Z0 = 50 Ohm, F = 2000 MHz, PIN = -30 dBm
Parameter
Test Conditions
Units
Min
Typ
Max
Gain
5V
dB
18
19
21
Noise Figure
5V
dB
1.4
1.7
Output P1dB
5V
dBm
20
Input IP3
5V
dBm
11
13
Output IP3
5V
dBm
32
Input Return Loss
5V
dB
12
Output Return Loss
5V
dB
12
Drain Current
5V
mA
80
100
External Circuitry Parts List
Ref.
Designation
Value
Purpose
C1
3.3 pF
LNA Matching/DC Block
C2
0.1 µF
DC Block
C3, C4
1000 pF
RF Bypass
C5, C6, C7
0.1 µF
RF Bypass
L1
2 nH
LNA Matching
L2
2 nH
LNA Matching
Sample Board Schematic
Recommended PCB Configuration
See Detail “A”
See Detail “B”


Número de pieza similar - AM50-0012_1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
AM50-0012SMB MACOM-AM50-0012SMB Datasheet
347Kb / 4P
   High Dynamic Range LNA
AM50-0012TR MACOM-AM50-0012TR Datasheet
347Kb / 4P
   High Dynamic Range LNA
AM50-0012TR-3000 MACOM-AM50-0012TR-3000 Datasheet
347Kb / 4P
   High Dynamic Range LNA
More results

Descripción similar - AM50-0012_1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
MAALSS0045 MACOM-MAALSS0045 Datasheet
144Kb / 4P
   High Dynamic Range LNA 1700 - 2400 MHz
AM50-0011 MACOM-AM50-0011 Datasheet
112Kb / 4P
   High Dynamic Range LNA 800 - 1000 MHz
AM50-0011 MACOM-AM50-0011_1 Datasheet
101Kb / 4P
   High Dynamic Range LNA, 800-1000 MHz
MAALSS0040 MACOM-MAALSS0040 Datasheet
184Kb / 3P
   High Dynamic Range LNA 800 - 1000 MHz
AM50-0011V6 MACOM-AM50-0011V6 Datasheet
182Kb / 4P
   High Dynamic Range LNA
AM50-0012 MACOM-AM50-0012 Datasheet
347Kb / 4P
   High Dynamic Range LNA
logo
NXP Semiconductors
CGY2106TS PHILIPS-CGY2106TS Datasheet
94Kb / 16P
   High dynamic range dual LNA MMIC
2000 Aug 28
CGY2105ATS PHILIPS-CGY2105ATS Datasheet
83Kb / 16P
   High dynamic range dual LNA MMIC
1999 Dec 23
logo
Analog Devices
ADL5323 AD-ADL5323_15 Datasheet
200Kb / 12P
   1700 MHz to 2400 MHz GaAs Matched RF PA Predriver
REV. A
logo
List of Unclassifed Man...
ANT-2.4-CW-RCTA ETC2-ANT-2.4-CW-RCTA Datasheet
212Kb / 2P
   Frequency Range 2400~2483.5 MHz
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com