Nombre de pieza
         Descripción
PI2LVD512

 1.8V, Wide-Bandwidth, 5 Differential Channels, 2:1 Mux/DeMux Switch with Dual Enable ( 8 Page)


PERICOM
100% 
Zoom Out Zoom In
   
 6 page
background image
6
PS8807
01/18/06
PI2LVD512
1.8V, Wide-Bandwidth, 5 Differential Channels,
2:1, Mux/DeMux Switch with Dual Enable
Fig 6. Bandwidth vs. Load
1  2  3  4  5  6  7  8 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
SY89543L3.3V 3.2Gbps DUAL DIFFERENTIAL 2:1 LVDS MULTIPLEXER with INTERNAL TERMINATION 1 2 3 4 5 MoreMicrel Semiconductor
ADG7872.5 OHM CMOS Low Power Dual 2:1 Mux/Demux USB 1.1 Switch 1 2 3 4 5 MoreAnalog Devices
NB4L858M2.5V/3.3V 3 GHz Dual Differential Clock/Data 2x2 Crosspoint Switch with CML Output and Internal Termination 1 2 3 4 5 MoreON Semiconductor
NB4N840M3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination 1 2 3 4 5 MoreON Semiconductor
ISL43840_06Low-Voltage Single and Dual Supply Dual 4 to 1 Multiplexer Analog Switch with Enable 1 2 3 4 5 MoreIntersil Corporation
NB4N840M_073.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination 1 2 3 4 5 MoreON Semiconductor
AD81962:1 HDMI/DVI Switch with Equalization 1 2 3 4 5 MoreAnalog Devices
NB6L722.5V / 3.3V Differential 2 X 2 Crosspoint Switch with LVPECL Outputs 1 2 3 4 5 MoreON Semiconductor
MC100EP809_063.3V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable 1 2 3 4 5 MoreON Semiconductor
CS814710 V/5.0 V Low Dropout Dual Regulator with ENABLE 1 2 3 4 5 MoreON Semiconductor

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl