Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SJ664 Datasheet(PDF) 3 Page - Sanyo Semicon Device

No. de pieza 2SJ664
Descripción Electrónicos  General-Purpose Switching Device
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SJ664 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SJ664 Datasheet HTML 1Page - Sanyo Semicon Device 2SJ664 Datasheet HTML 2Page - Sanyo Semicon Device 2SJ664 Datasheet HTML 3Page - Sanyo Semicon Device 2SJ664 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SJ664
No.8589-3/4
RDS(on) -- VGS
RDS(on) -- Tc
ID -- VDS
ID -- VGS
Ciss, Coss, Crss -- VDS
IS -- VSD
yfs -- ID
SW Time -- ID
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
Gate-to-Source Voltage, VGS -- V
Case Temperature, Tc --
°C
Drain Current, ID -- A
Drain Current, ID -- A
Drain-to-Source Voltage, VDS -- V
Diode Forward Voltage, VSD -- V
IT08782
IT08783
IT08780
IT08781
--1
--2
--7
--5
--3
--6
--4
0
0
--5
--10
--15
--35
--30
--20
--25
--5
--10
--15
--35
--30
--20
--25
0
--50
--25
150
0
--30
--10
--15
--20
--25
--5
1000
5
IT08787
IT08785
IT08784
3
2
--3
--4
--5
--6
--7
--8
--9
--2
--10
20
300
100
140
180
220
260
60
40
140
200
180
60
80
100
160
120
--0.5
--1.0
--2.0
0
--5.0
--4.0
--3.0
--1.5
--2.5
--4.5
--3.5
0
25
50
75
100
125
7
100
7
5
5
3
2
VGS= --3V
Tc=
25
°C
ID= --8A
Tc=75
°C
25
°C
--25
°C
I D
= -
-8A,
V GS
= -
-4V
I D
= -
-8A,
V GS
= -
-10V
f=1MHz
Coss
Ciss
Crss
IT08786
--0.1
--1.0
23
5
7
23
5
7
2
3
--10
100
5
10
5
7
2
3
2
3
td(off)
tf
td(on)
tr
VDD= --50V
VGS= --10V
--6V
--10V
--4V
VDS= --10V
--0.1
--1.0
23
5
7
1.0
--1.5
--1.2
--0.6
--0.3
--0.9
0
--0.01
2
--0.1
5
7
3
2
5
7
3
2
5
7
3
2
5
7
3
--1.0
--10
--100
7
5
3
5
7
5
3
10
2
2
--10
23
5
5
73
2
Tc=
--25
°C
75°
C
25°
C
VDS= --10V
VGS=0V


Número de pieza similar - 2SJ664

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
2SJ660 SANYO-2SJ660 Datasheet
43Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
2SJ661 SANYO-2SJ661 Datasheet
42Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
2SJ661 SANYO-2SJ661 Datasheet
481Kb / 9P
   General-Purpose Switching Device Applications
logo
ON Semiconductor
2SJ661 ONSEMI-2SJ661 Datasheet
375Kb / 9P
   P-Channel Power MOSFET
July, 2013
2SJ661-1E ONSEMI-2SJ661-1E Datasheet
375Kb / 9P
   P-Channel Power MOSFET
July, 2013
More results

Descripción similar - 2SJ664

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
CPH3456 SANYO-CPH3456 Datasheet
379Kb / 4P
   General-Purpose Switching Device
CPH6347 SANYO-CPH6347_11 Datasheet
320Kb / 4P
   General-Purpose Switching Device
2SJ656 SANYO-2SJ656 Datasheet
34Kb / 4P
   General-Purpose Switching Device
ECH8305 SANYO-ECH8305 Datasheet
39Kb / 3P
   General-Purpose Switching Device
2SJ657 SANYO-2SJ657 Datasheet
47Kb / 4P
   General-Purpose Switching Device
2SK2683LS SANYO-2SK2683LS Datasheet
49Kb / 3P
   General-Purpose Switching Device
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
CPH3430 SANYO-CPH3430 Datasheet
52Kb / 4P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com