Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FP1189-PCB2140S Datasheet(PDF) 8 Page - WJ Communication. Inc.

No. de pieza FP1189-PCB2140S
Descripción Electrónicos  쩍-Watt HFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WJCI [WJ Communication. Inc.]
Página de inicio  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

FP1189-PCB2140S Datasheet(HTML) 8 Page - WJ Communication. Inc.

Back Button FP1189-PCB2140S Datasheet HTML 3Page - WJ Communication. Inc. FP1189-PCB2140S Datasheet HTML 4Page - WJ Communication. Inc. FP1189-PCB2140S Datasheet HTML 5Page - WJ Communication. Inc. FP1189-PCB2140S Datasheet HTML 6Page - WJ Communication. Inc. FP1189-PCB2140S Datasheet HTML 7Page - WJ Communication. Inc. FP1189-PCB2140S Datasheet HTML 8Page - WJ Communication. Inc. FP1189-PCB2140S Datasheet HTML 9Page - WJ Communication. Inc. FP1189-PCB2140S Datasheet HTML 10Page - WJ Communication. Inc. FP1189-PCB2140S Datasheet HTML 11Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Specifications and information are subject to change without notice.
WJ Communications, Inc • Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 8 of 11
October 2006
FP1189
½-Watt HFET
Product Information
The Communications Edge
TM
FP1189-PCB2140S Application Circuit Performance Plots
S11vs. Frequency
-30
-25
-20
-15
-10
-5
0
2110
2130
2150
2170
Frequency (MHz)
-40c
+25c
+85c
S21vs. Frequency
11
12
13
14
15
16
2110
2130
2150
2170
Frequency (MHz)
-40c
+25c
+85c
S22vs. Frequency
-30
-25
-20
-15
-10
-5
0
2110
2130
2150
2170
Frequency (MHz)
-40c
+25c
+85c
P1dBvs. Frequency
20
22
24
26
28
30
2110
2130
2150
2170
Frequency (MHz)
-40C
+25C
+85C
Noise Figurevs. Frequency
0
1
2
3
4
5
6
2110
2130
2150
2170
Frequency (MHz)
-40c
+25c
+85c
ACPRvs. Channel Power
3GPPW-CDMA, Test Model 1+64DPCH, ±5MHz offset
-65
-60
-55
-50
-45
-40
-35
13
14
15
16
17
18
19
20
21
Output Channel Power (dBm)
-40C
+25 C
+85C
freq= 2140MHz
OIP3vs. Temperature
32
34
36
38
40
42
-40
-15
10
35
60
85
Temperature (°C)
freq= 2140, 2141 MHz
+12dBm/ tone
Output Power / Gainvs. Input Power
frequency =2140MHz, Temp=+25°C
6
8
10
12
14
16
0
4
8
12
16
20
Input Power (dBm)
10
14
18
22
26
30
Output Power
Gain
OIP3 vs. Output Power
fundamental frequency= 1960, 1961MHz; Temp =+25°C
25
30
35
40
45
0
4
8
12
16
20
24
Output Power (dBm)
Output Power / Gainvs. Input Power
frequency= 2140MHz, Temp =-40°C
6
8
10
12
14
16
0
4
8
12
16
20
Input Power (dBm)
10
14
18
22
26
30
Output Power
Gain
IMDproductsvs. Output Power
fundamental frequency= 2140, 2141MHz; Temp =+25°C
-80
-60
-40
-20
0
4
8
12
16
20
24
Output Power (dBm)
IMD_Low
IMD_High
Output Power / Gainvs. Input Power
frequency =2140MHz, Temp=+85°C
6
8
10
12
14
16
0
4
8
12
16
20
Input Power (dBm)
10
14
18
22
26
30
Output Power
Gain


Número de pieza similar - FP1189-PCB2140S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
WJ Communication. Inc.
FP1189-PCB2140S WJCI-FP1189-PCB2140S Datasheet
517Kb / 12P
   1/2 - Watt HFET
More results

Descripción similar - FP1189-PCB2140S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
FP1189 ETC1-FP1189 Datasheet
394Kb / 10P
   High Performance 쩍-Watt HFET(Heterostructure FET)
logo
WJ Communication. Inc.
FP2189-RFID WJCI-FP2189-RFID Datasheet
644Kb / 13P
   1 - Watt HFET
FP31QF WJCI-FP31QF Datasheet
576Kb / 13P
   2-Watt HFET
FP31QF WJCI-FP31QF_06 Datasheet
473Kb / 12P
   2-Watt HFET
FP2189 WJCI-FP2189 Datasheet
610Kb / 12P
   1-Watt HFET
FP1189-RFID WJCI-FP1189-RFID Datasheet
517Kb / 12P
   1/2 - Watt HFET
logo
Broadcom Corporation.
DEMO-MGA-30X16 BOARDCOM-DEMO-MGA-30X16 Datasheet
311Kb / 17P
   쩍 Watt High Linearity Amplifi er
logo
TriQuint Semiconductor
TGF2960-SD TRIQUINT-TGF2960-SD_15 Datasheet
1Mb / 21P
   0.5 Watt DC-5 GHz Packaged HFET
logo
SIRENZA MICRODEVICES
SHF-0289 SIRENZA-SHF-0289 Datasheet
91Kb / 4P
   0.05 - 6 GHz, 1.0 Watt GaAs HFET
logo
TriQuint Semiconductor
TGF2960-SD TRIQUINT-TGF2960-SD Datasheet
1Mb / 21P
   0.5 Watt DC-5 GHz Packaged HFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com