Nombre de pieza
         Descripción
PMLL4150

 High-speed diodes ( 9 Page)


PHILIPS
100% 
Zoom Out Zoom In
   
 6 page
background image
1996 Sep 18
6
Philips Semiconductors
Product specification
High-speed diodes
PMLL4150; PMLL4151; PMLL4153
GRAPHICAL DATA
Device mounted on an FR4 printed-circuit board.
(1) PMLL4150.
(2) PMLL4151; PMLL4153.
Fig.0
Maximum permissible continuous forward
current as a function of ambient
temperature.
handbook, halfpage
0
100
200
400
300
200
0
100
MBG456
Tamb (
oC)
IF
(mA)
(1)
(2)
Fig.3
Forward current as a function of forward
voltage.
handbook, halfpage
012
600
0
200
400
MBG464
VF (V)
IF
(mA)
(1)
(2)
(3)
(1) Tj = 175 °C; typical values.
(2) Tj =25 °C; typical values.
(3) Tj =25 °C; maximum values.
Fig.4
Maximum permissible non-repetitive peak forward current as a function of pulse duration.
Based on square wave currents.
Tj =25 °C prior to surge.
handbook, full pagewidth
MBG704
10
tp (µs)
1
IFSM
(A)
102
10−1
104
102
103
10
1
1  2  3  4  5  6  7  8  9 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
PMLL4148High-speed diodes 1 2 3 4 5 MoreNXP Semiconductors
BAS70-Silicon Schottky Diodes General-purpose diodes for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing 1 2 3 4 5 Siemens Semiconductor Group
1PS89SS04High-speed double diodes 1 2 3 4 5 MoreNXP Semiconductors
BAS70HiRel Silicon Schottky Diode HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching 1 2 3 4 Siemens Semiconductor Group
BA316High-speed diodes 1 2 3 4 5 MoreNXP Semiconductors
BAS70WSilicon Schottky Diode General-purpose diodes for high-speed switching Circuit protection Voltage clamping 1 2 3 4 Siemens Semiconductor Group
BAT68-07WSilicon Schottky Diodes For mixer applications in the VHF / UHF range For high-speed switching applications 1 2 3 4 5 Siemens Semiconductor Group
PMLL4148LHigh-speed switching diodes 1 2 3 4 5 MoreNXP Semiconductors
MAX8811High-Speed Dual-Phase Driver with Integrated Boost Diodes 1 2 3 4 5 MoreMaxim Integrated Products
1N4148High-speed diodes 1 2 3 4 5 MoreNXP Semiconductors

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl