Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC14467-1 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

No. de pieza MC14467-1
Descripción Electrónicos  Low-Power CMOS Ionization Smoke Detector IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC14467-1 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MC14467-1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC14467-1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC14467-1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC14467-1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC14467-1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC14467-1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC14467-1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC14467-1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC14467-1 Datasheet HTML 9Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Sensors
4
Freescale Semiconductor
MC14467-1
Figure 3. Typical LED Output I-V Characteristic
Figure 4. Typical Comparator Output I-V Characteristic
Figure 5. Typical P Horn Driver Output I-V Characteristic
Table 4. Timing Parameters
(C = 0.1 µF, Rbias = 8.2 MΩ, VDD = 9.0 V, TA = 25°C, See Figure 7)
Characteristics
Symbol
Min
Typ(1)
Max
Units
Oscillator Period
No Smoke
Smoke
tCI
1.34
32
1.67
40
2.0
48
s
ms
Oscillator Rise Time
tR
8.0
10
12
ms
Horn Output
On Time
(During Smoke)
Off Time
PWON
PWOFF
120
60
160
80
208
104
ms
ms
LED Output
Between Pulses
On Time
tLED
PWON
32
8.0
40
10
48
12
s
ms
Horn Output
On Time
(During Low Battery)
Between Pulses
tON
tOFF
8.0
32
10
40
12
48
ms
s
1. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
VDS, Drain To Source Voltage (VDC)
0
1
234
5
6
7
8
9
10
0.1
1.0
10.0
100.0
VDD = 9.0 VDC
VDD = 7.2 VDC
TA = 25°C
VDS, Drain To Source Voltage (VDC)
01
2
3
4
5
6
7
8
9
10
0.01
0.1
1.0
10.0
VDD = 9.0 VDC or 7.2 VDC
TA = 25°C
P-CH Source
And N-CH
Sink Current
0
1
2
3
45
67
8
9
1.0
10.0
100.0
1000.0
0
1
2
3
45
67
8
9
10
1.0
10.0
100.0
1000.0
VDS, Drain To Source Voltage (VDC)
10
VDS, Drain To Source Voltage (VDC)
VDD = 9.0 VDC
VDD = 7.2 VDC
TA = 25°C
P-CH Source Current
VDD = 9.0 VDC
TA = 25°C
N-CH Sink Current
VDD = 7.2 VDC


Número de pieza similar - MC14467-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC14467-1 FREESCALE-MC14467-1 Datasheet
238Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
logo
NXP Semiconductors
MC14467-1 NXP-MC14467-1 Datasheet
288Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
Rev 4, 05/2005
More results

Descripción similar - MC14467-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
MC14467-1 NXP-MC14467-1 Datasheet
288Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
Rev 4, 05/2005
logo
Freescale Semiconductor...
MC14467-1 FREESCALE-MC14467-1 Datasheet
238Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
logo
Microchip Technology
RE46C114 MICROCHIP-RE46C114 Datasheet
214Kb / 6P
   Ionization Smoke Detector IC
2009
logo
Freescale Semiconductor...
MC14468 FREESCALE-MC14468 Datasheet
182Kb / 9P
   Low-Power CMOS Ionization Smoke Detector IC with Interconnect
logo
Microchip Technology
RE46C112 MICROCHIP-RE46C112 Datasheet
214Kb / 7P
   Ionization Smoke Detector IC
2009
logo
Freescale Semiconductor...
MC145017 FREESCALE-MC145017_07 Datasheet
267Kb / 10P
   Low-Power CMOS Ionization Smoke Detector IC with Temporal Pattern Horn Driver
logo
Gamewell-FCI by Honeywe...
CPD-7051 GAMEWELL-FCI-CPD-7051 Datasheet
62Kb / 2P
   IONIZATION SMOKE DETECTOR
logo
Freescale Semiconductor...
MC145017 FREESCALE-MC145017 Datasheet
225Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC with Temporal Pattern Horn Driver
MC14568 FREESCALE-MC14568 Datasheet
201Kb / 11P
   Low-Power CMOS Ionization Smoke Detector with Interconnect and Timer
MC145018 FREESCALE-MC145018 Datasheet
229Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC with Interconnect and Temporal Horn Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com