Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCZ33970EG Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

No. de pieza MCZ33970EG
Descripción Electrónicos  Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33970EG Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MCZ33970EG Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33970EG Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33970EG Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33970EG Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33970EG Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33970EG Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33970EG Datasheet HTML 11Page - Freescale Semiconductor, Inc MCZ33970EG Datasheet HTML 12Page - Freescale Semiconductor, Inc MCZ33970EG Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
33970
ELECTRICAL CHARACTERISTICS
TIMING DIAGRAMS
TIMING DIAGRAMS
Figure 4. Input Timing Switching Characteristics
Figure 5. Valid Data Delay Time and Valid Time Waveforms
RST
CS
SI
SCLK
VIN
VIL
VIH
VIL
VIH
VIL
VIH
VIL
Don’t Care
Valid
Valid
Don’t Care
Don’t Care
0.2 VDD
0.2 VDD
0.2 VDD
0.7 VDD
0.7 VDD
0.7 VDD
0.7 VDD
tEN
tWRST
tCS
tLAG
tRSI
tLEAD
tLEAD
tWSCLKh
tWSCLKl
tFSI
tSI(HOLD)
SCLK
SO
SO
Low-to-High
High-to-Low
3.5 V
0.2 VDD
0.7 VDD
0.2 VDD
1.0 V
VOH
VOL
VOH
VOL
VOH
VOL
tFSI
tRSI
0.7 VDD
50%
tSO(EN)
tRSO
tFSO
tSO(DIS)
tVALID


Número de pieza similar - MCZ33970EG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
MCZ33970EG NXP-MCZ33970EG Datasheet
2Mb / 36P
   Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
Rev. 3.0, 1/2007
MCZ33970EGR2 NXP-MCZ33970EGR2 Datasheet
2Mb / 36P
   Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
Rev. 3.0, 1/2007
More results

Descripción similar - MCZ33970EG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
MC33970 NXP-MC33970 Datasheet
2Mb / 36P
   Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
Rev. 3.0, 1/2007
logo
Motorola, Inc
MC33991 MOTOROLA-MC33991 Datasheet
660Kb / 36P
   Gauge Driver Integrated Circuit
logo
Freescale Semiconductor...
33991 FREESCALE-33991 Datasheet
1Mb / 36P
   Gauge Driver Integrated Circuit
MC33976 FREESCALE-MC33976 Datasheet
5Mb / 40P
   Dual Gauge Driver with Configurable Response Time
33976 FREESCALE-33976_07 Datasheet
2Mb / 41P
   Dual Gauge Driver with Configurable esponse Time
logo
NTE Electronics
NTE1825 NTE-NTE1825 Datasheet
20Kb / 2P
   Integrated Circuit Dual, DC Motor Driver
NTE1834 NTE-NTE1834 Datasheet
27Kb / 3P
   Integrated Circuit Dual Reversible Motor Driver
logo
ATMEL Corporation
U4090B-P ATMEL-U4090B-P Datasheet
615Kb / 35P
   Monolithic Integrated Feature Phone Circuit EMI Improved
logo
NXP Semiconductors
SA5777A PHILIPS-SA5777A Datasheet
116Kb / 12P
   Dual air-core gauge driver
1999 Sep 20
logo
NTE Electronics
NTE1498 NTE-NTE1498 Datasheet
20Kb / 2P
   Integrated Circuit Dual Peak Power Meter Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com