Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCZ33977EGR2 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

No. de pieza MCZ33977EGR2
Descripción Electrónicos  Single Gauge Driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33977EGR2 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MCZ33977EGR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCZ33977EGR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCZ33977EGR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33977EGR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33977EGR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33977EGR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33977EGR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33977EGR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33977EGR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
33977
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS
Power Supply Voltage
Steady-State
VPWRSS
-0.3 to 41
V
Input Pin Voltage (1)
VIN
-0.3 to 7.0
V
SIN± COSI± Continuous Current Per Output (2)
IOUTMAX
40
mA
ESD Voltage (3)
Human Body Model (HBM)
Machine Model (MM)
Charge Device Model (CDM)
VESD
±2000
±2000
±200
V
THERMAL RATINGS
Operating Temperature
Ambient
Junction
TA
TJ
-40 to 125
-40 to 150
°C
Storage Temperature
TSTG
-55 to 150
°C
Thermal Resistance
Junction-to-Ambient
Junction-to-Lead
RΘJA
RΘJL
60
20
°C/W
Peak Package Reflow Temperature During Reflow (4), (5)
TPPRT
Note 5
°C
Notes
1.
Exceeding voltage limits on Input pins may cause permanent damage to the device.
2.
Output continuous output rating so long as maximum junction temperature is not exceeded. Operation at 125°C ambient temperature
will require maximum output current computation using package thermal resistances.
3.
ESD testing is performed in accordance with the Human Body Model (HBM) (CZAP = 100 pF, RZAP = 1500 Ω), the Machine Model (MM)
(CZAP = 200 pF, RZAP = 0 Ω), and the Charge Device Model (CDM).
4.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
5.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL),
Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes and enter the core ID to view all orderable parts. (i.e.
MC33xxxD enter 33xxx), and review parametrics.


Número de pieza similar - MCZ33977EGR2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
MCZ33977EGR2 NXP-MCZ33977EGR2 Datasheet
2Mb / 37P
   Single Gauge Driver
Rev. 2.0, 1/2007
More results

Descripción similar - MCZ33977EGR2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
MC33977 NXP-MC33977 Datasheet
2Mb / 37P
   Single Gauge Driver
Rev. 2.0, 1/2007
logo
Cherry Semiconductor Co...
CS4172 CHERRY-CS4172 Datasheet
158Kb / 6P
   Single Air-Core Gauge Driver
logo
ON Semiconductor
CS4172 ONSEMI-CS4172 Datasheet
65Kb / 8P
   Single Air-Core Gauge Driver
December, 2001 - Rev. 3
CS4192 ONSEMI-CS4192 Datasheet
71Kb / 8P
   Single Air-Core Gauge Driver
December, 2001 ??Rev. 6
CS4192 ONSEMI-CS4192_05 Datasheet
83Kb / 8P
   Single Air?묬ore Gauge Driver
September, 2005 ??Rev. 7
logo
Motorola, Inc
MC33991 MOTOROLA-MC33991 Datasheet
660Kb / 36P
   Gauge Driver Integrated Circuit
logo
Freescale Semiconductor...
33991 FREESCALE-33991 Datasheet
1Mb / 36P
   Gauge Driver Integrated Circuit
logo
NXP Semiconductors
SA5777A PHILIPS-SA5777A Datasheet
116Kb / 12P
   Dual air-core gauge driver
1999 Sep 20
SA5778 PHILIPS-SA5778 Datasheet
122Kb / 16P
   Serial triple gauge driver STGD
1998 Apr 03
logo
Texas Instruments
BQ27220 TI1-BQ27220 Datasheet
128Kb / 6P
[Old version datasheet]   Single-Cell CEDV Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com