Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC33990D Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

No. de pieza MC33990D
Descripción Electrónicos  Enhanced Class B Serial Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33990D Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC33990D Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33990D Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33990D Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33990D Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33990D Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33990D Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33990D Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33990D Datasheet HTML 12Page - Freescale Semiconductor, Inc MC33990D Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
33990
ELECTRICAL CHARACTERISTICS
TEST FIGURES
Figure 10. Rx Rise and Fall Time
tRxTrans/L–H
tRxTrans/H–L
90%
10%
90%
10%
Rx


Número de pieza similar - MC33990D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC33990D FREESCALE-MC33990D Datasheet
455Kb / 16P
   Enhanced Class B Serial Transceiver
MC33990D/DR2 FREESCALE-MC33990D/DR2 Datasheet
1Mb / 16P
   Enhanced Class B Serial Transceiver
MC33990DR2 FREESCALE-MC33990DR2 Datasheet
455Kb / 16P
   Enhanced Class B Serial Transceiver
More results

Descripción similar - MC33990D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC33990 FREESCALE-MC33990 Datasheet
455Kb / 16P
   Enhanced Class B Serial Transceiver
MC33990 FREESCALE-MC33990_08 Datasheet
1Mb / 16P
   Enhanced Class B Serial Transceiver
33390 FREESCALE-33390 Datasheet
416Kb / 15P
   Class B Serial Transceiver
logo
Motorola, Inc
MC33390 MOTOROLA-MC33390 Datasheet
450Kb / 16P
   Class B Serial Transceiver
logo
Source Photonics, Inc.
SFU-43-48H-HP-RDE SOURCE-SFU-43-48H-HP-RDE Datasheet
423Kb / 13P
   Class B GPON OLT transceiver
SFU-43-48H-HP-TDE SOURCE-SFU-43-48H-HP-TDE Datasheet
423Kb / 13P
   Class B GPON OLT transceiver
logo
Finisar Corporation.
FTGN3025Q1TAS FINISAR-FTGN3025Q1TAS Datasheet
99Kb / 10P
   GPON ONU Class B Pigtailed RoHS Compliant Transceiver
FTGL2025S1TUS FINISAR-FTGL2025S1TUS Datasheet
91Kb / 10P
   GPON OLT Class B Pigtailed RoHS Compliant Transceiver
logo
Integrated Device Techn...
MC68160A IDT-MC68160A Datasheet
577Kb / 30P
   Enhanced Ethernet Transceiver
logo
Melexis Microelectronic...
TH8082 MELEXIS-TH8082 Datasheet
648Kb / 26P
   Enhanced SoloLIN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com