Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCZ33989EGR2 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

No. de pieza MCZ33989EGR2
Descripción Electrónicos  System Basis Chip with High-Speed CAN Transceiver
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33989EGR2 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MCZ33989EGR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33989EGR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33989EGR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33989EGR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33989EGR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33989EGR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33989EGR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33989EGR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33989EGR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33989
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
BATFAIL Flag Hysteresis (13)
VBF(HYS)
1.0
V
Battery Fall Early Warning Threshold
In Normal and Standby Mode
BFEW
5.3
5.8
6.3
V
Battery Fall Early Warning Hysteresis
In Normal and Standby Mode (13)
BFEWH
0.1
0.2
0.3
V
POWER OUTPUT (VDD1) (14)
VDD1 Output Voltage
IDD1 from 2.0 to 200 mA TAMB -40 to 125°C, 5.5 V < VSUP < 27 V
VDD1OUT
4.9
5.0
5.1
V
VDD1 Output Voltage
IDD1 from 2.0 to 200 mA, 4.5 V < VSUP < 5.5 V
VDD1OUT2
4.0
V
Dropout Voltage
IDD1 = 200 mA
VDD1DRP
0.2
0.5
V
Dropout Voltage, Limited Output Current
IDD1 = 50 mA, 4.5 V < VSUP
VDD1DRP2
0.1
0.25
V
IDD1 Output Current
Internally Limited
IDD1
200
285
350
mA
Junction Thermal Shutdown
Normal or Standby Modes
TSD
160
200
°C
Junction Over Temperature Pre-Warning
VDDTEMP Bit Set
TPW
125
160
°C
Temperature Threshold Difference
TSD - TPW
20
40
°C
Reset Threshold 1
Selectable by SPI. Default Value After Reset.
RSTTH1
4.5
4.6
4.7
V
Reset Threshold 2
Selectable by SPI
RSTTH2
4.1
4.2
4.3
V
VDD1 Range for Reset Active
VDDR
1.0
V
Reset Delay Time
Measured at 50% of Reset Signal
tD
4.0
30
µs
Line Regulation (C at VDD1 = 47 µF Tantal)
9.0 V VSUP < 18, IDD = 10 mA
LR1
5.0
25
mV
Line Regulation (C at VDD1 = 47 µF Tantal)
5.5 < VSUP < 27 V, IDD = 10 mA
LR2
10
25
mV
Load Regulation (C at VDD1 = 47 µF Tantal)
1.0 mA < IIDD < 200 mA
LD
25
75
mV
Thermal Stability
VSUP = 13.5 V, 1 = -100 mA Not Tested
(15)
THERMS
30
50
mV
Notes
13.
With CAN cell in Sleep-Disable state. If CAN cell is Sleep-Enabled for wake-up, an additional 60 µA must be added to specified value.
14.
IDD1 is the total regulator output current. VDD specification with external capacitor. Stability requirement: C > 47 µF ESR < 1.3 Ω
(tantalum capacitor). In reset, normal request, normal and standby modes. Measure with C = 47 µF Tantalum.
15.
Guaranteed by design; however, it is not production tested.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 5.5 V
≤ V
SUP ≤ 18 V, - 40°C ≤ T
A ≤ 125°C, GND = 0 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Número de pieza similar - MCZ33989EGR2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MCZ33902EF/R2 FREESCALE-MCZ33902EF/R2 Datasheet
651Kb / 31P
   High Speed CAN Interface with Embedded 5.0 V Supply
MCZ33903B3EK FREESCALE-MCZ33903B3EK Datasheet
2Mb / 98P
   SBC Gen2 with CAN High Speed and LIN Interface
MCZ33903B3EK FREESCALE-MCZ33903B3EK Datasheet
2Mb / 104P
   SBC Gen2 with CAN High Speed and LIN Interface
MCZ33903B3EK-R2 FREESCALE-MCZ33903B3EK-R2 Datasheet
1Mb / 766P
   SBC Gen2 with CAN High Speed and LIN Interface
MCZ33903B3EK/R2 FREESCALE-MCZ33903B3EK/R2 Datasheet
1Mb / 106P
   SBC Gen2 with CAN High Speed and LIN Interface
More results

Descripción similar - MCZ33989EGR2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
269Kb / 23P
   System Basis Chip With High Speed CAN Transceiver
MC33989 MOTOROLA-MC33989 Datasheet
676Kb / 32P
   System Basis Chip with High Speed CAN Transceiver
logo
NXP Semiconductors
MC33907 NXP-MC33907_08 Datasheet
2Mb / 107P
   Power System Basis Chip with High Speed CAN transceiver
Rev. 3.0, 2/2014
logo
Freescale Semiconductor...
33742 FREESCALE-33742_08 Datasheet
1Mb / 70P
   System Basis Chip with Enhanced High Speed CAN Transceiver
logo
NXP Semiconductors
FS6407 NXP-FS6407 Datasheet
2Mb / 111P
   Power system basis chip with high speed can transceiver
Rev. 3.0, 7/2016
logo
Freescale Semiconductor...
33742 FREESCALE-33742 Datasheet
2Mb / 65P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
logo
Motorola, Inc
MC33742 MOTOROLA-MC33742 Datasheet
1Mb / 52P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
logo
NXP Semiconductors
UJA1169A NXP-UJA1169A Datasheet
935Kb / 80P
   Mini high-speed CAN system basis chip
Rev. 1-12 May 2020
UJA1076 NXP-UJA1076 Datasheet
342Kb / 47P
   High-speed CAN core system basis chip
Rev. 02-27 May 2010
UJA1169 NXP-UJA1169 Datasheet
623Kb / 74P
   Mini high-speed CAN system basis chip
Rev. 1 ??4 February 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com