Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC34652EFR2 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

No. de pieza MC34652EFR2
Descripción Electrónicos  2.0 A Negative Voltage Hot Swap Controller with Enhanced Programmability
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34652EFR2 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC34652EFR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC34652EFR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34652EFR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34652EFR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34652EFR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34652EFR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34652EFR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34652EFR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34652EFR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
34652
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 15 V VPWR 80 V and -40°C TA 85°C. All voltages are referenced to VIN unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER SUPPLY PIN (VPWR)
Supply Voltage
VPWR
15
80
V
Supply Current, Device Enabled, Default Mode, Normal Operation (11)
IIN
900
1400
µA
Undervoltage Lockout Threshold (UVLO)
Rising
Falling
Hysteresis
VUVLOR
VUVLOF
VUVLOHY
7.0
6.0
8.0
7.0
1.0
9.0
8.0
V
UNDERVOLTAGE CONTROL
UV Threshold (Default)
Rising
Falling
Hysteresis
VUV(ON)
VUV(OFF)
VUVHY
38
37
1.0
V
UV Comparator Threshold
Rising
Hysteresis
VUVC
VUVCHY
1.3
34
V
mV
UV Input Leakage Current
IUVLG
1.0
µA
Maximum Value of the Series Resistance Between UV and VPWR Pins
500
k
OVERVOLTAGE CONTROL
OV Threshold (Default)
Rising
Falling
Hysteresis
VOV(OFF)
VOV(ON)
VOVHY
78
76
2.0
V
OV Comparator Threshold
Rising
Hysteresis
VOVC
VOVCHY
1.3
34
V
mV
OV Input Leakage Current
IOVLG
1.0
µA
Maximum Value of the Series Resistance Between UV and VPWR Pins
500
k
Notes
11.
The supply current depends on operation mode and can be calculated as follows:
•Start-Up Mode: IIN = 539 µA + 548 µ * ICHG(A) + 216 µ * ILIM(A) + VPWR(V) / 460(kΩ)
•Normal Mode: IIN = 539 µA + 240 µ * ILIM(A) + 288 µ * ILOAD(A) + VPWR(V) / 460(kΩ)
•Overcurrent Mode: IIN = 539 µA + 612 µ * ILIM(A) + VPWR(V) / 460(kΩ)
•Disable Mode: IIN = 539 µA + 240 µ * ILIM(A) + IDIS(µA) + VPWR(V) / 460(kΩ)


Número de pieza similar - MC34652EFR2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC34652EF FREESCALE-MC34652EF Datasheet
1Mb / 25P
   2.0 A Negative Voltage Hot Swap Controller with Enhanced Programmability
More results

Descripción similar - MC34652EFR2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC34652 FREESCALE-MC34652 Datasheet
1Mb / 25P
   2.0 A Negative Voltage Hot Swap Controller with Enhanced Programmability
34653 FREESCALE-34653 Datasheet
1Mb / 24P
   1.0 A Negative Voltage Hot Swap Controller
logo
Texas Instruments
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
[Old version datasheet]   Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
logo
NXP Semiconductors
MC34653 NXP-MC34653 Datasheet
1Mb / 24P
   1.0 A Negative Voltage Hot Swap Controller
Rev. 8.0, 2/2007
logo
Semtech Corporation
SC4250 SEMTECH-SC4250 Datasheet
260Kb / 12P
   Negative Voltage Hot Swap Controller
logo
National Semiconductor ...
LM5068 NSC-LM5068 Datasheet
42Kb / 1P
   NEGATIVE VOLTAGE HOT SWAP CONTROLLER
logo
Linear Technology
LT1640L LINER-LT1640L_1 Datasheet
192Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640L LINER-LT1640L Datasheet
292Kb / 12P
   Negative Voltage Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com