Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LB-2518-T1R0MK Datasheet(PDF) 10 Page - Kemet Corporation |
|
LB-2518-T1R0MK Datasheet(HTML) 10 Page - Kemet Corporation |
10 / 32 page © KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300 10 1007 Case Size High Current Type (CBC 2518 Series) Ordering Code Inductance (μH) Inductance Tolerance Minimum Self Resonant Frequency (MHz) DC Resistance ( Ω Ω) (±30%) Maximum Rated Current (mA) Measuring Frequency (MHz) Tape & Reel Packaging Quantity 12 CBC2518T1R0M-K 1.0 ±20% 100 0.08 1000 1200 7.96 2,000 CBC2518T2R2M-K 2.2 ±20% 68 0.13 890 1100 7.96 2,000 CBC2518T4R7M-K 4.7 ±20% 41 0.20 680 920 7.96 2,000 CBC2518T100M-K 10 ±20% 30 0.36 480 680 2.52 2,000 CBC2518T220M-K 22 ±20% 19 0.77 320 460 2.52 2,000 CBC2518T470M-K 47 ±20% 12 1.90 240 290 2.52 2,000 CBC2518T101M-K 100 ±20% 9 3.7 160 170 0.796 2,000 CBC2518T221M-K 220 ±20% 5.5 8.4 115 110 0.796 2,000 CBC2518T471M-K 470 ±20% 3.5 22 80 70 0.796 2,000 CBC2518T681M-K 680 ±20% 3 28 65 60 0.796 2,000 1210 Case Size High Current Type (CBC 3225 Series) Ordering Code Inductance (μH) Inductance Tolerance Minimum Self Resonant Frequency (MHz) DC Resistance ( Ω Ω) (±30%) Maximum Rated Current (mA) Measuring Frequency (MHz) Tape & Reel Packaging Quantity 12 CBC3225T1R0MRK 1.0 ±20% 250 0.055 2000 1440 0.1 1,000 CBC3225T1R5MRK 1.5 ±20% 220 0.06 2000 1310 0.1 1,000 CBC3225T2R2MRK 2.2 ±20% 190 0.08 2000 1130 0.1 1,000 CBC3225T3R3MRK 3.3 ±20% 160 0.095 1800 1040 0.1 1,000 CBC3225T4R7MRK 4.7 ±20% 70 0.1 1250 1010 0.1 1,000 CBC3225T6R8MRK 6.8 ±20% 50 0.12 930 940 0.1 1,000 CBC3225T100(_)RK 10 K=±10%, M=±20% 23 0.133 900 900 0.1 1,000 CBC3225T150(_)RK 15 K=±10%, M=±20% 20 0.195 730 850 0.1 1,000 CBC3225T220(_)RK 22 K=±10%, M=±20% 17 0.27 620 780 0.1 1,000 CBC3225T330(_)RK 33 K=±10%, M=±20% 13 0.41 500 570 0.1 1,000 CBC3225T470(_)RK 47 K=±10%, M=±20% 10 0.67 390 480 0.1 1,000 CBC3225T680(_)RK 68 K=±10%, M=±20% 8 1 320 410 0.1 1,000 CBC3225T101(_)RK 100 K=±10%, M=±20% 6 1.4 270 340 0.1 1,000 (_) - Insert Inductance Tolerance Code (K or M) *For rated current of ordinary small power choke coils, please refer to the rated current (1) in the above table. *For current (2) is the current for instantaneous flow such as plunging current of DC/DC converter. In case of usage in the circuit where large current may be semicontinuously applied over 5 minutes with auto recovery circuit, etc, please contact our sales section before practical application. Rated current (1):Current value to guarantee -30% of nominal inductance (at 20ºC) Rated current (2):Current value to guarantee component temperature within AT = 40°C with current flow. (It's not the current to guarantee the inductance value) (_) - Insert Inductance Tolerance Code (K or M) 0603 Case Size Power, Bottom Surface Electrode Type (CBMF 1608 Series) Ordering Code Inductance (μH) Inductance Tolerance Minimum Self Resonant Frequency (MHz) DC Resistance ( Ω Ω) (±30%) Maximum Rated Current (mA) Measuring Frequency (MHz) Tape & Reel Packaging Quantity 12 CBMF1608T1R0MK 1.0 ±20% 100 0.09 290 770 7.96 2,000 CBMF1608T2R2MK 2.2 ±20% 80 0.17 190 560 7.96 2,000 CBMF1608T4R7MK 4.7 ±20% 45 0.24 145 470 7.96 2,000 CBMF1608T100(_)K 10.0 K = 10%, M = 20% 32 0.36 115 380 2.52 2,000 CBMF1608T220(_)K 22 K = 10%, M = 20% 16 1.00 70 230 2.52 2,000 CBMF1608T470(_)K 47 K = 10%, M = 20% 11 2.5 50 140 2.52 2,000 0805 Case Size Low Profile Type (CBL 2012 Series) Ordering Code Inductance (μH) Inductance Tolerance Minimum Self Resonant Frequency (MHz) DC Resistance ( Ω Ω) (±30%) Maximum Rated Current (mA) Measuring Frequency (MHz) Tape & Reel Packaging Quantity 12 CBL2012T4R7M-K 4.7 ±20% 45 0.66 275 490 0.10 4,000 CBL2012T100M-K 10 ±20% 32 1.00 205 370 0.10 4,000 CBL2012T470M-K 47 ±20% 11 4.20 100 140 0.10 4,000 |
Número de pieza similar - LB-2518-T1R0MK |
|
Descripción similar - LB-2518-T1R0MK |