Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST68C554IJ68 Datasheet(PDF) 7 Page - Exar Corporation

No. de pieza ST68C554IJ68
Descripción Electrónicos  2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EXAR [Exar Corporation]
Página de inicio  http://www.exar.com
Logo EXAR - Exar Corporation

ST68C554IJ68 Datasheet(HTML) 7 Page - Exar Corporation

Back Button ST68C554IJ68 Datasheet HTML 3Page - Exar Corporation ST68C554IJ68 Datasheet HTML 4Page - Exar Corporation ST68C554IJ68 Datasheet HTML 5Page - Exar Corporation ST68C554IJ68 Datasheet HTML 6Page - Exar Corporation ST68C554IJ68 Datasheet HTML 7Page - Exar Corporation ST68C554IJ68 Datasheet HTML 8Page - Exar Corporation ST68C554IJ68 Datasheet HTML 9Page - Exar Corporation ST68C554IJ68 Datasheet HTML 10Page - Exar Corporation ST68C554IJ68 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
ST16C554/554D
7
REV. 4.0.1
2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
2.0
FUNCTIONAL DESCRIPTIONS
2.1
CPU Interface
The CPU interface is 8 data bits wide with 3 address lines and control signals to execute data bus read and
write transactions. The 554 data interface supports the Intel compatible types of CPUs and it is compatible to
the industry standard 16C550 UART. No clock (oscillator nor external clock) is required for a data bus
transaction. Each bus cycle is asynchronous using CS# A-D, IOR# and IOW# or CS#, R/W#, A4 and A3 inputs.
All four UART channels share the same data bus for host operations. A typical data bus interconnection for
Intel and Motorola mode is shown in Figure 3.
FIGURE 3. ST16C554 TYPICAL INTEL/MOTOROLA DATA BUS INTERCONNECTIONS
VCC
VCC
DSRA#
CTSA#
RTSA#
DTRA#
RXA
TXA
RIA#
CDA#
GND
A0
A1
A2
UART_CSA#
UART_CSB#
IOR#
IOW#
D0
D1
D2
D3
D4
D5
D6
D7
A0
A1
A2
CSA#
CSB#
D0
D1
D2
D3
D4
D5
D6
D7
IOR#
IOW#
UART
Channel A
UART
Channel B
UART_INTB
UART_INTA
INTB
INTA
UART_RESET
RESET
Serial Interface of
RS-232
Serial Interface of
RS-232
Intel Data Bus (16 Mode) Interconnections
UART
Channel C
UART
Channel D
Similar
to Ch A
Similar
to Ch A
Similar
to Ch A
UART_INTD
UART_INTC
INTD
INTC
UART_CSC#
UART_CSD#
CSC#
CSD#
VCC
16/68#
VCC
VCC
GND
A0
A1
A2
UART_CS#
A3
R/W#
D0
D1
D2
D3
D4
D5
D6
D7
A0
A1
A2
CSA#
CSB#
D0
D1
D2
D3
D4
D5
D6
D7
IOR#
IOW#
UART_IRQ#
INTB
INTA
RESET#
Serial Interface of
RS-232
Serial Interface of
RS-232
Motorola Data Bus (68 Mode) Interconnections
VCC
UART_RESET#
(no connect)
DSRA#
CTSA#
RTSA#
DTRA#
RXA
TXA
RIA#
CDA#
UART
Channel A
UART
Channel B
UART
Channel C
Similar
to Ch A
Similar
to Ch A
Similar
to Ch A
INTC
(no connect)
INTD
(no connect)
A4
CSC#
CSD#
VCC
16/68#
UART
Channel D
VCC


Número de pieza similar - ST68C554IJ68

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Exar Corporation
ST68C554IJ68 EXAR-ST68C554IJ68 Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
More results

Descripción similar - ST68C554IJ68

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Exar Corporation
ST16C554DCJ68-F EXAR-ST16C554DCJ68-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554DIQ64-F EXAR-ST16C554DIQ64-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550_05 Datasheet
742Kb / 36P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
ST16C654IJ68-F EXAR-ST16C654IJ68-F Datasheet
1Mb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
XRT16C854 EXAR-XRT16C854 Datasheet
1Mb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
ST16C2552CJ44-F EXAR-ST16C2552CJ44-F Datasheet
760Kb / 34P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C2552 EXAR-ST16C2552 Datasheet
375Kb / 35P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C654 EXAR-ST16C654 Datasheet
968Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com