Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CDR02BX109BDUM Datasheet(PDF) 2 Page - Kemet Corporation |
|
CDR02BX109BDUM Datasheet(HTML) 2 Page - Kemet Corporation |
2 / 10 page ©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300 CHARAC- CAP. AVAIL. KEMET CAPACITORS MIL-PRF-55681 TERISTIC pF TOL. PART NUMBER 100 Volt — C1808 SIZE (MILITARY CDR03) (Cont’d) 560 J C1808P561J1G(4)C CDR03BP561BJW(4) 680 J,K C1808P681(3)1G(4)C CDR03BP681B(3)W(4) 820 J C1808P821J1G(4)C CDR03BP821BJW(4) 1,000 J,K C1808P102(3)1G(4)C CDR03BP102B(3)W(4) 12,000 K C1808P123K1X(4)C CDR03BX123BKW(4) 15,000 K,M C1808P153(3)1X(4)C CDR03BX153B(3)W(4) 18,000 K C1808P183K1X(4)C CDR03BX183BKW(4) 22,000 K,M C1808P223(3)1X(4)C CDR03BX223B(3)W(4) 27,000 K C1808P273K1X(4)C CDR03BX273BKW(4) 33,000 K,M C1808P333(3)1X(4)C CDR03BX333B(3)W(4) 50 Volt — C1808 SIZE (MILITARY CDR03) 39,000 K C1808P393K5X(4)C CDR03BX393AKW(4) 47,000 K,M C1808P473(3)5X(4)C CDR03BX473A(3)W(4) 56,000 K C1808P563K5X(4)C CDR03BX563AKW(4) 68,000 K,M C1808P683(3)5X(4)C CDR03BX683A(3)W(4) 100 Volt — C1812 SIZE (MILITARY CDR04) 1,200 J C1812P122J1G(4)C CDR04BP122BJW(4) 1,500 J,K C1812P152(3)1G(4)C CDR04BP152B(3)W(4) 1,800 J C1812P182J1G(4)C CDR04BP182BJW(4) 2,200 J,K C1812P222(3)1G(4)C CDR04BP222B(3)W(4) 2,700 J C1812P272J1G(4)C CDR04BP272BJW(4) 3,300 J,K C1812P332(3)1G(4)C CDR04BP332B(3)W(4) 39,000 K C1812P393K1X(4)C CDR04BX393BKW(4) 47,000 K,M C1812P473(3)1X(4)C CDR04BX473B(3)W(4) 56,000 K C1812P563K1X(4)C CDR04BX563BKW(4) 50 Volt — C1812 SIZE (MILITARY CDR04) 82,000 K C1812P823K5X(4)C CDR04BX823AKW(4) 100,000 K,M C1812P104(3)5X(4)C CDR04BX104A(3)W(4) 120,000 K C1812P124K5X(4)C CDR04BX124AKW(4) 150,000 K,M C1812P154(3)5X(4)C CDR04BX154A(3)W(4) 180,000 K C1812P184K5X(4)C CDR04BX184AKW(4) 100 Volt — C1825 SIZE (MILITARY CDR05) 3,900 J,K C1825P392(3)1G(4)C CDR05BP392B(3)W(4) 4,700 J,K C1825P472(3)1G(4)C CDR05BP472B(3)W(4) 5,600 J,K C1825P562(3)1G(4)C CDR05BP562B(3)W(4) 68,000 K,M C1825P683(3)1X(4)C CDR05BX683B(3)W(4) 82,000 K C1825P823K1X(4)C CDR05BX823BKW(4) 100,000 K,M C1825P104(3)1X(4)C CDR05BX104B(3)W(4) 120,000 K C1825P124K1X(4)C CDR05BX124BKW(4) 150,000 K,M C1825P154(3)1X(4)C CDR05BX154B(3)W(4) 50 Volt — C1825 SIZE (MILITARY CDR05) 220,000 K,M C1825P224(3)5X(4)C CDR05BX224A(3)W(4) 270,000 K C1825P274K5X(4)C CDR05BX274AKW(4) 330,000 K,M C1825P334(3)5X(4)C CDR05BX334A(3)W(4) 100 Volt — C2225 SIZE (MILITARY CDR06) 6,800 J,K C2225P682(3)1G(4)C CDR06BP682B(3)W(4) 8,200 J,K C2225P822(3)1G(4)C CDR06BP822B(3)W(4) 10,000 J,K C2225P103(3)1G(4)C CDR06BP103B(3)W(4) 50 Volt — C2225 SIZE (MILITARY CDR06) 390,000 K C2225P394K5X(4)C CDR06BX394AKW(4) 470,000 K,M C2225P474(3)5X(4)C CDR06BX474A(3)W(4) CHARAC- CAP. AVAIL. KEMET CAPACITORS MIL-PRF-55681 TERISTIC pF TOL. PART NUMBER 100 Volt — C0805 SIZE (MILITARY CDR01) 10 J,K C0805P100(3)1G(4)C CDR01BP100B(3)W(4) 12 J C0805P120J1G(4)C CDR01BP120BJW(4) 15 J,K C0805P150(3)1G(4)C CDR01BP150B(3)W(4) 18 J C0805P180J1G(4)C CDR01BP180BJW(4) 22 J,K C0805P220(3)1G(4)C CDR01BP220B(3)W(4) 27 J C0805P270J1G(4)C CDR01BP270BJW(4) 33 J,K C0805P330(3)1G(4)C CDR01BP330B(3)W(4) 39 J C0805P390J1G(4)C CDR01BP390BJW(4) 47 J,K C0805P470(3)1G(4)C CDR01BP470B(3)W(4) 56 J C0805P560J1G(4)C CDR01BP560BJW(4) 68 J,K C0805P680(3)1G(4)C CDR01BP680B(3)W(4) 82 J C0805P820J1G(4)C CDR01BP820BJW(4) 100 J,K C0805P101(3)1G(4)C CDR01BP101B(3)W(4) 120 J,K C0805P121(3)1(2)(4)C CDR01B(1)121B(3)W(4) 150 J,K C0805P151(3)1(2)(4)C CDR01B(1)151B(3)W(4) 180 J,K C0805P181(3)1(2)(4)C CDR01B(1)181B(3)W(4) 220 K,M C0805P221(3)1X(4)C CDR01BX221B(3)W(4) 270 K C0805P271K1X(4)C CDR01BX271BKW(4) 330 K,M C0805P331(3)1X(4)C CDR01BX331B(3)W(4) 390 K C0805P391K1X(4)C CDR01BX391BKW(4) 470 K,M C0805P471(3)1X(4)C CDR01BX471B(3)W(4) 560 K C0805P561K1X(4)C CDR01BX561BKW(4) 680 K,M C0805P681(3)1X(4)C CDR01BX681B(3)W(4) 820 K C0805P821K1X(4)C CDR01BX821BKW(4) 1,000 K,M C0805P102(3)1X(4)C CDR01BX102B(3)W(4) 1,200 K C0805P122K1X(4)C CDR01BX122BKW(4) 1,500 K,M C0805P152(3)1X(4)C CDR01BX152B(3)W(4) 1,800 K C0805P182K1X(4)C CDR01BX182BKW(4) 2,200 K,M C0805P222(3)1X(4)C CDR01BX222B(3)W(4) 2,700 K C0805P272K1X(4)C CDR01BX272BKW(4) 3,300 K,M C0805P332(3)1X(4)C CDR01BX332B(3)W(4) 50 Volt — C0805 SIZE (MILITARY CDR01) 3,900 K C0805P392K5X(4)C CDR01BX392AKW(4) 4,700 K,M C0805P472(3)5X(4)C CDR01BX472A(3)W(4) 100 Volt — C1805 SIZE (MILITARY CDR02) 220 J,K C1805P221(3)1G(4)C CDR02BP221B(3)W(4) 270 J C1805P271J1G(4)C CDR02BP271BJW(4) 3,900 K C1805P392K1X(4)C CDR02BX392BKW(4) 4,700 K,M C1805P472(3)1X(4)C CDR02BX472B(3)W(4) 5,600 K C1805P562K1X(4)C CDR02BX562BKW(4) 6,800 K,M C1805P682(3)1X(4)C CDR02BX682B(3)W(4) 8,200 K C1805P822K1X(4)C CDR02BX822BKW(4) 10,000 K,M C1805P103(3)1X(4)C CDR02BX103B(3)W(4) 50 Volt — C1805 SIZE (MILITARY CDR02) 12,000 K C1805P123K5X(4)C CDR02BX123AKW(4) 15,000 K,M C1805P153(3)5X(4)C CDR02BX153A(3)W(4) 18,000 K C1805P183K5X(4)C CDR02BX183AKW(4) 22,000 K,M C1805P223(3)5X(4)C CDR02BX223A(3)W(4) 100 Volt — C1808 SIZE (MILITARY CDR03) 330 J,K C1808P331(3)1G(4)C CDR03BP331B(3)W(4) 390 J C1808P391J1G(4)C CDR03BP391BJW(4) 470 J,K C1808P471(3)1G(4)C CDR03BP471B(3)W(4) CERAMIC CHIP/MIL-PRF-55681 Established Reliability RATINGS & PART NUMBER REFERENCE (1) To complete Part Number for Dielectric, insert P or X symbol – as defined by Military specification. (2) To complete Part Number for Dielectric, insert G or X symbol. (“G” for Military “BP,” or “X” for Military “BX.”) (3) To complete Part Number, insert Capacitance Tolerance Symbol (when applicable) as available in MIL-PRF-55681: B – ±0.1 pF, C – ±0.25 pF, D – ±0.5pF, F – ±1%, J – ±5%, K – ±10%, M – ±20%. NOTE: Available tolerances are listed in columns above. (4) To complete Part Number, insert Failure Rate Symbol: M –1.0%; P –0.1%; R –0.01%; S –.001%. Note: All MIL-PRF-55681 and KEMET Part Numbers tabulated above assume use of Solderguard II (MIL-PRF-55681 “W”; KEMET “C”) end metaliza- tion. If MIL-PRF-55681 “U” or “S” (KEMET “H”) or MIL-PRF-55681 “Y” (KEMET “C”) is required, please change designators accordingly. 88 |
Número de pieza similar - CDR02BX109BDUM |
|
Descripción similar - CDR02BX109BDUM |