Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDR05BP101BCUP Datasheet(PDF) 9 Page - Kemet Corporation

No. de pieza CDR05BP101BCUP
Descripción Electrónicos  CERAMIC CHIP/MIL-PRF-55681
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEMET [Kemet Corporation]
Página de inicio  http://www.kemet.com
Logo KEMET - Kemet Corporation

CDR05BP101BCUP Datasheet(HTML) 9 Page - Kemet Corporation

Back Button CDR05BP101BCUP Datasheet HTML 2Page - Kemet Corporation CDR05BP101BCUP Datasheet HTML 3Page - Kemet Corporation CDR05BP101BCUP Datasheet HTML 4Page - Kemet Corporation CDR05BP101BCUP Datasheet HTML 5Page - Kemet Corporation CDR05BP101BCUP Datasheet HTML 6Page - Kemet Corporation CDR05BP101BCUP Datasheet HTML 7Page - Kemet Corporation CDR05BP101BCUP Datasheet HTML 8Page - Kemet Corporation CDR05BP101BCUP Datasheet HTML 9Page - Kemet Corporation CDR05BP101BCUP Datasheet HTML 10Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
20°
20°
Maximum
component rotation.
Typical
component
center line
Punched Carrier (Paper Tape) Configuration (Ceramic Chips Only):
Table 1: 8 & 12mm Punched Tape
(Metric Dimensions Will Govern)
Variable Dimensions - Millimeters (Inches)
Note:
1. A0, B0 and T determined by the maximum dimensions to the ends of the terminals extending from the
body and/or the body dimensions of the component. The clearance between the ends of the terminals or
body of the component to the sides and depth of the cavity (A0, B0 and T) must be within 0.05mm (.002)
minimum and 0.50mm (.020) maximum. The clearance allowed must also prevent rotation of the component
within the cavity of not more than 20 degrees (see sketches A and B).
2. Tape with components shall pass around radius "R" without damage.
3. KEMET nominal thicknesses are: 0402 = 0.6mm and all others 0.95mm minimum.
8mm
and
12mm
1.5
+0.10, -0.0
(.059
+0.004, -0.0)
1.75 ±0.10
(.069 ±0.004)
4.0 ± 0.10
(.157 ± 0.004)
2.0 ± 0.05
(.079 ± 0.002)
0.10
(.004)
Max.
0.75
(.030)
Min.
0.75
(.030)
Min.
25 (.984)
See Note 2
Table 1
Tape
Size
D0
P0
E
P2
T1
G1
G2
R Min.
8mm
1/2
Pitch
2.0 ± 0.10
(.079 ±.004)
See Require-
ments
Section 3.3 (d)
3.5 ± 0.05
(.138 ± .002)
8.0 ± 0.3
(.315 ± 0.012)
See Note 1
Table 1
1.1mm (.043)
Max. for Paper
Base Tape and
1.6mm (.063)
Max. for Non-
Paper Base
Compositions.
See Note 3.
Tape
Size
P1
W
F
A0B0
T
8mm
4.0 ± 0.10
(0.157 ± .004)
12mm
4.0 ± 0.10
(0.157 ± .004)
12mm
Double
Pitch
8.0 ± 0.10
(0.315 ± .004)
12.0 ± 0.3
(.472 ± .012)
5.5 ± 0.05
(.217 ± .002)
Table 1: 8 & 12mm Punched Tape
(Metric Dimensions Will Govern)
Constant Dimensions - Millimeters (Inches)
Sketch B:
Max. Component
Rotation - Front
Cross Sectional View
Sketch C:
Component Rotation - Top View
A0
B0
P1
P0
P2
D0
F
E
W
Center lines
of cavity
10 pitches cumulative
tolerance on tape
±0.2 (±0.008)
Top
Tape
Cover
T
User Direction of Feed
T1
Max. Cavity Size
See Note 1
Table 1
Bottom
Tape
Cover
G2
R
(Min.)
Sketch A:
Bending Radius
See Note 2
Table 1
CERAMIC CHIP CAPACITORS
Packaging Information
96


Número de pieza similar - CDR05BP101BCUP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVX Corporation
CDR05BP392B AVX-CDR05BP392B Datasheet
44Kb / 2P
   Chips
CDR05BP392B AVX-CDR05BP392B Datasheet
46Kb / 2P
   MIL-PRF-55681/Chips
CDR05BP472B AVX-CDR05BP472B Datasheet
44Kb / 2P
   Chips
CDR05BP472B AVX-CDR05BP472B Datasheet
46Kb / 2P
   MIL-PRF-55681/Chips
CDR05BP562B AVX-CDR05BP562B Datasheet
44Kb / 2P
   Chips
More results

Descripción similar - CDR05BP101BCUP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kemet Corporation
CDR33BX104AKSR KEMET-CDR33BX104AKSR Datasheet
1Mb / 10P
   CERAMIC CHIP/MIL-PRF-55681
CDR33BX104AKSS KEMET-CDR33BX104AKSS Datasheet
1Mb / 10P
   CERAMIC CHIP/MIL-PRF-55681
logo
AVX Corporation
CDR31BX102BKUR AVX-CDR31BX102BKUR Datasheet
51Kb / 4P
   MIL-PRF-55681/Chips
CDR31-35 AVX-CDR31-35 Datasheet
60Kb / 4P
   MIL-PRF-55681/Chips
logo
Kyocera Kinseki Corpota...
CDR31 KSS-CDR31 Datasheet
281Kb / 4P
   MIL-PRF-55681/Chips
logo
AVX Corporation
CDR01-06 AVX-CDR01-06 Datasheet
46Kb / 2P
   MIL-PRF-55681/Chips
CDR31BP471BFWP AVX-CDR31BP471BFWP Datasheet
51Kb / 4P
   MIL-PRF-55681/Chips Part Number Example CDR31 thru CDR35
CDR06BX474AKUR AVX-CDR06BX474AKUR Datasheet
44Kb / 2P
   MIL-PRF-55681/Chips Part Number Example CDR01 thru CDR06
logo
Kemet Corporation
C052G102J1G5CR KEMET-C052G102J1G5CR Datasheet
1Mb / 23P
   CERAMIC MOLDED/AXIAL & RADIAL - MIL-PRF-20
logo
AVX Corporation
M123 AVX-M123 Datasheet
143Kb / 5P
   MIL-PRF-123/Chips
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com