Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GMA7496LD20 Datasheet(PDF) 5 Page - Gamma Microelectronics Inc.

No. de pieza GMA7496LD20
Descripción Electrónicos  2W2W AMPLIFIER W/ DC VOLUME CONTROL
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GAMMA [Gamma Microelectronics Inc.]
Página de inicio  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GMA7496LD20 Datasheet(HTML) 5 Page - Gamma Microelectronics Inc.

  GMA7496LD20 Datasheet HTML 1Page - Gamma Microelectronics Inc. GMA7496LD20 Datasheet HTML 2Page - Gamma Microelectronics Inc. GMA7496LD20 Datasheet HTML 3Page - Gamma Microelectronics Inc. GMA7496LD20 Datasheet HTML 4Page - Gamma Microelectronics Inc. GMA7496LD20 Datasheet HTML 5Page - Gamma Microelectronics Inc. GMA7496LD20 Datasheet HTML 6Page - Gamma Microelectronics Inc. GMA7496LD20 Datasheet HTML 7Page - Gamma Microelectronics Inc. GMA7496LD20 Datasheet HTML 8Page - Gamma Microelectronics Inc. GMA7496LD20 Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
APPLICATION SUGGESTIONS
The recommended values of the external components are those shown on the application circuit of figure 1A. Different values
can be used, the following table reference for the designer.
Component Suggestion Value Purpose
Larger than Suggestion
Smaller than Suggestion
R1
P1
C1
C5
C6
C7
C8
C9
C2
C3
C4
R2
300k
50k
1000µF
100nF
1000µF
1µF
1000µF
100nF
470nF
470nF
470µF
10k
Volume control
Circuit
Volume control
Circuit
Supply voltage
bypass
Volume control time
costant
Output DC decoupling
Mute time costant
Output DC decoupling
Supply voltage
bypass
Input DC decoupling
Input DC decoupling
Ripple rejection
Mute time control
Larger volume regulation time
Larger mute on/ off time
Smaller volume regulation time
Smaller mute on/ off time
Danger of oscillation
Smaller volume regulation time
Higher low frequency cutoff
Smaller mute on/ off time
Higher low frequency cutoff
Danger of oscillation
Higher low frequency cutoff
Higher low frequency cutoff
Worse SVR
Lower low frequency cutoff
Lower low frequency cutoff
Better SVR
Larger volume regulation
time
Lower Low frequency cutoff
Larger mute on/ off time
Lower low frequency futoff
Volume
OP-Amp
+
-
MUTE/STBY
PROTECTIONS
9
C2
470nF
INR
30K
Volume
OP- Amp
+
-
30K
C8
1000µF
C6
1000µF
R2 10K
4
C3
470nF
INL
7
14
11
12
17
6
5
R1
300K
C5
100nF
Volume
OUTR
S1 STBY
S2 MUTE
OUTL
1,2,3,13,
18,19,20
C4
470µF
SVR 10
VS
Varout_R
15,16
C9
0.1µF
C1
1000µF
+VS
PW_GND
VOL
P1
50K
LOG
+5V
TP1
PW_GND
PW_GND
S_GND
+5V
+5V
Varout_L
60K
APPLICATION CIRCUIT
C7
1µF
A
A
MICROELECTRONICS
GMA7496L
Audio Amp.
2W+2W AMPLIFIER W/ DC VOLUME CONTROL


Número de pieza similar - GMA7496LD20

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gamma Microelectronics ...
GMA7496LD20T GAMMA-GMA7496LD20T Datasheet
285Kb / 12P
   2W2W AMPLIFIER WITH DC VOLUME CONTROL
More results

Descripción similar - GMA7496LD20

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gamma Microelectronics ...
GMA7496L GAMMA-GMA7496L_1 Datasheet
285Kb / 12P
   2W2W AMPLIFIER WITH DC VOLUME CONTROL
logo
STMicroelectronics
TDA7496L STMICROELECTRONICS-TDA7496L Datasheet
162Kb / 10P
   2W2W AMPLIFIER WITH DC VOLUME CONTROL
logo
Wuxi Youda electronics ...
YD7496L YOUDA-YD7496L Datasheet
85Kb / 5P
   2W2W AMPLIFIER WITH DC VOLUME CONTROL
logo
KODENSHI_AUK CORP.
KKA7496L KODENSHI-KKA7496L Datasheet
526Kb / 8P
   2W2W AMPLIFIER WITH DC VOLUME CONTROL
logo
First Components Intern...
FC7496L FCI-FC7496L Datasheet
1Mb / 8P
   FC7496L 2W2W AMPLIFIER WITH DC VOLUME CONTROL
logo
Global Mixed-mode Techn...
G1438 GMT-G1438 Datasheet
91Kb / 1P
   2W Stereo Audio Amplifier with DC Volume Control and Selectable Gain
logo
National Semiconductor ...
LM4843 NSC-LM4843 Datasheet
597Kb / 19P
   Stereo 2W Audio Power Amplifiers with DC Volume Control
logo
MOSA ELECTRONICS
MS6865 MOSA-MS6865 Datasheet
713Kb / 20P
   Dual 2W Power Amplifier 3 Stereo Inputs with Volume Control
MS6865 MOSA-MS6865_1 Datasheet
767Kb / 22P
   Dual 2W Power Amplifier 3 Stereo Inputs with Volume Control
MS6864 MOSA-MS6864_1 Datasheet
696Kb / 21P
   Dual 2W Power Amplifier, I2C interface Stereo Input with Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com