Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SA02 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

No. de pieza SA02
Descripción Electrónicos  THYRISTOR ARRAY SA SERIES FOR STROBE FLASHER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MITSUBISHI [Mitsubishi Electric Semiconductor]
Página de inicio  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

SA02 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  SA02 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor SA02 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor SA02 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor SA02 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Feb.1999
MITSUBISHI SEMICONDUCTOR
〈HIGH-SPEED SWITCHING THYRISTOR ARRAY〉
SA01, SA02, SA04, SA07
THYRISTOR ARRAY
SA SERIES FOR STROBE FLASHER
Symbol
IDRM
IRRM
IGT
VGT
IH
Unit
µA
µA
mA
V
mA
V1. Connect 1k
Ω resistor between gate to cathode.
V2. Minimum value
SA01
SA02
SA04
SA07
Main
100
100
30
1.5
Aux
20
20
0.25
1.0
1.0
Parameter
Repetitive peak off-state current V1
Repetitive peak reverse current
Gate trigger current
Gate trigger voltage
Holding current V2
ELECTRICAL CHARACTERISTICS (Ta=25
°C, unless otherwise noted)
Main
100
100
30
1.5
Aux
100
100
30
1.5
25
Main
100
100
50
2.0
Aux
100
100
30
1.5
25
Main
100
100
80
1.5
Aux
20
20
0.25
1.0
1.0
47n
CC
υ trg
22k
i1
i5
iG
1k
L
CM
VCM
+
10k
10
470 470
SR1FM
10n
15
2
4
3
12345
2
15
4
2
3
0
IP
υ trg
0
0
0
iG
i1
i5
iG
tw
t
t
t
t
SAOX
SA120
AUX THYRISTOR
MAIN THYRISTOR
47n
Fig. 1 Test circuit
Fig. 3 Pin position and Equivalent circuit
Fig. 2 The voltage and current waveforms


Número de pieza similar - SA02

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bothhand USA, LP.
SA0205 BOTHHAND-SA0205 Datasheet
53Kb / 2P
   6~15 Watts Switching Adapter
SA0206 BOTHHAND-SA0206 Datasheet
53Kb / 2P
   6~15 Watts Switching Adapter
SA0207 BOTHHAND-SA0207 Datasheet
53Kb / 2P
   6~15 Watts Switching Adapter
SA0208 BOTHHAND-SA0208 Datasheet
53Kb / 2P
   6~15 Watts Switching Adapter
SA0209 BOTHHAND-SA0209 Datasheet
53Kb / 2P
   6~15 Watts Switching Adapter
More results

Descripción similar - SA02

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
CY20AAJ-8F RENESAS-CY20AAJ-8F Datasheet
196Kb / 5P
   Nch IGBT for Strobe Flasher
CY25AAJ-8F RENESAS-CY25AAJ-8F Datasheet
102Kb / 5P
   Nch IGBT for Strobe Flasher
logo
Powerex Power Semicondu...
CY20AAJ-8F POWEREX-CY20AAJ-8F Datasheet
21Kb / 2P
   Nch IGBT for STROBE FLASHER
logo
Renesas Technology Corp
CY20AAH-8F RENESAS-CY20AAH-8F_15 Datasheet
118Kb / 7P
   Nch IGBT for Strobe Flasher
CT40KM-8H RENESAS-CT40KM-8H Datasheet
110Kb / 5P
   Nch IGBT for Strobe Flasher
CY20AAJ-8H RENESAS-CY20AAJ-8H Datasheet
73Kb / 5P
   Nch IGBT for Strobe Flasher
CY25BAH-8F RENESAS-CY25BAH-8F Datasheet
177Kb / 5P
   Nch IGBT for Strobe Flasher
Rev.3.00,Nov 29, 2005,
CY20AAH-8F RENESAS-CY20AAH-8F Datasheet
98Kb / 5P
   Nch IGBT for Strobe Flasher
logo
Mitsubishi Electric Sem...
CT20AS-8 MITSUBISHI-CT20AS-8 Datasheet
31Kb / 2P
   STROBE FLASHER USE
logo
Powerex Power Semicondu...
CT30VS-8 POWEREX-CT30VS-8 Datasheet
27Kb / 2P
   STROBE FLASHER USE
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com