Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4934 Datasheet(PDF) 4 Page - Won-Top Electronics

No. de pieza 1N4934
Descripción Electrónicos  1.0A FAST RECOVERY DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WTE [Won-Top Electronics]
Página de inicio  http://www.wontop.com
Logo WTE - Won-Top Electronics

1N4934 Datasheet(HTML) 4 Page - Won-Top Electronics

  1N4934 Datasheet HTML 1Page - Won-Top Electronics 1N4934 Datasheet HTML 2Page - Won-Top Electronics 1N4934 Datasheet HTML 3Page - Won-Top Electronics 1N4934 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1N4933 – 1N4937
4 of 4
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
1N4933-T3
DO-41
5000/Tape & Reel
1N4933-TB
DO-41
5000/Tape & Box
1N4933
DO-41
1000 Units/Box
1N4934-T3
DO-41
5000/Tape & Reel
1N4934-TB
DO-41
5000/Tape & Box
1N4934
DO-41
1000 Units/Box
1N4935-T3
DO-41
5000/Tape & Reel
1N4935-TB
DO-41
5000/Tape & Box
1N4935
DO-41
1000 Units/Box
1N4936-T3
DO-41
5000/Tape & Reel
1N4936-TB
DO-41
5000/Tape & Box
1N4936
DO-41
1000 Units/Box
1N4937-T3
DO-41
5000/Tape & Reel
1N4937-TB
DO-41
5000/Tape & Box
1N4937
DO-41
1000 Units/Box
1.
Products listed in bold are WTE Preferred devices.
2.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
3.
To order RoHS / Lead Free version (with Lead Free finish), add “-LF” suffix
to part number above. For example, 1N4933-TB-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Número de pieza similar - 1N4934

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DIOTEC Electronics Corp...
1N4934 DEC-1N4934 Datasheet
383Kb / 2P
   1 AMP FAST RECOVERY SILICON DIODES
logo
Motorola, Inc
1N4934 MOTOROLA-1N4934 Datasheet
44Kb / 2P
   FAST RECOVERY RECTIFIERS 50-600 VOLTS 1.0 AMPERE
logo
List of Unclassifed Man...
1N4934 ETC2-1N4934 Datasheet
200Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Compact Technology Corp...
1N4934 CTC-1N4934 Datasheet
71Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Dc Components
1N4934 DCCOM-1N4934 Datasheet
427Kb / 2P
   TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
More results

Descripción similar - 1N4934

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Won-Top Electronics
FR101 WTE-FR101_06 Datasheet
55Kb / 4P
   1.0A FAST RECOVERY DIODE
logo
Zibo Seno Electronic En...
1N4933 ZSELEC-1N4933 Datasheet
132Kb / 2P
   1.0A FAST RECOVERY DIODE
FR101 ZSELEC-FR101 Datasheet
117Kb / 2P
   1.0A FAST RECOVERY DIODE
logo
Won-Top Electronics
BA157 WTE-BA157_06 Datasheet
54Kb / 4P
   1.0A FAST RECOVERY DIODE
logo
Zibo Seno Electronic En...
PR1001 ZSELEC-PR1001 Datasheet
134Kb / 2P
   1.0A FAST RECOVERY DIODE
logo
Naina Semiconductor ltd...
BA159 NAINA-BA159 Datasheet
107Kb / 2P
   Fast Recovery Diode, 1.0A
logo
Zibo Seno Electronic En...
FFM101 ZSELEC-FFM101 Datasheet
145Kb / 2P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
FFM101-M ZSELEC-FFM101-M Datasheet
145Kb / 2P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
FR1A ZSELEC-FR1A Datasheet
144Kb / 2P
   1.0A SURFACE MOUNT FAST RECOVERY DIODE
RS1000FL ZSELEC-RS1000FL Datasheet
140Kb / 2P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com