Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
1N4937-TB Datasheet(PDF) 2 Page - Won-Top Electronics |
|
1N4937-TB Datasheet(HTML) 2 Page - Won-Top Electronics |
2 / 4 page 1N4933 – 1N4937 2 of 4 © 2006 Won-Top Electronics 0 10 20 30 1 10 100 NUMBER OF CYCLES AT 60 Hz Fig. 3 Peak Forward Surge Current Pulse Width 8.3ms Single Half-Sine-Wave (JEDEC Method) 1 10 100 1 10 100 V , REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance R T = 25°C f = 1MHz j 0 0.2 0.4 0.6 0.8 1.0 25 50 75 100 125 150 175 200 T , AMBIENT TEMPERATURE (°C) Fig. 1 Forward Derating Curve A Single phase half-wave 60 Hz resistive or inductive load 50V DC Approx 50 NI (Non-inductive) Ω 10 NI Ω 1.0 NI Ω Oscilloscope (Note 1) Pulse Generator (Note 2) Device Under Test t rr Set time base for 5/10ns/cm +0.5A 0A -0.25A -1.0A Notes: 1. Rise Time = 7.0ns max. Input Impedance = 1.0M , 22pF. 2. Rise Time = 10ns max. Input Impedance = 50 . Ω Ω Fig. 5 Reverse Recovery Time Characteristic and Test Circuit (+) (+) (-) (-) 0.01 0.1 1.0 10 0.6 0.8 1.0 1.2 1.4 V , INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics F T = 25°C j Pulse width = 300 µs |
Número de pieza similar - 1N4937-TB |
|
Descripción similar - 1N4937-TB |