Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BAW56 Datasheet(PDF) 1 Page - Won-Top Electronics |
|
BAW56 Datasheet(HTML) 1 Page - Won-Top Electronics |
1 / 4 page BAW56 1 of 4 © 2006 Won-Top Electronics Pb BAW56 SURFACE MOUNT FAST SWITCHING DIODE Features ! High Conductance L ! Fast Switching A ! Surface Mount Package Ideally Suited for Automatic Insertion ! For General Purpose and Switching B C ! Plastic Material – UL Recognition Flammability Classification 94V-O M E D H Mechanical Data ! Case: SOT-23, Molded Plastic K ! Terminals: Plated Leads Solderable per J MIL-STD-202, Method 208 G ! Polarity: See Diagram ! Weight: 0.008 grams (approx.) ! Mounting Position: Any ! Marking: JC ! Lead Free: For RoHS / Lead Free Version, Add “-LF” Suffix to Part Number, See Page 4 TOP VIEW Maximum Ratings @T A=25°C unless otherwise specified Characteristic Symbol Value Unit Non-Repetitive Peak Reverse Voltage VRM 100 V Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage VRRM VRWM VR 75 V Forward Continuous Current (Note 1) IF 300 mA Average Rectified Output Current (Note 1) IO 150 mA Peak Forward Surge Current (Note 1) @ t < 1.0µs IFSM 2.0 A Power Dissipation (Note 1) Pd 350 mW Typical Thermal Resistance, Junction to Ambient Air (Note 1) RJA 357 K/W Operating and Storage Temperature Range Tj, TSTG -65 to +150 °C Electrical Characteristics @T A=25°C unless otherwise specified Characteristic Symbol Min Max Unit Test Condition Forward Voltage VF — — 0.855 1.0 V @ IF = 10mA @ IF = 50mA Reverse Leakage Current IR —2.5 µA @ VR = 75V Junction Capacitance Cj —2.0 pF VR = 0V, f = 1.0MHz Reverse Recovery Time trr —6.0 nS IF = IR = 10mA, IRR = 0.1 x IR, RL = 100 Note: 1. Device mounted on fiberglass substrate 40 x 40 x 1.5mm. WTE POWER SEMICONDUCTORS SOT-23 Dim Min Max A 0.37 0.51 B 1.19 1.40 C 2.10 2.50 D 0.89 1.05 E 0.45 0.61 G 1.78 2.05 H 2.65 3.05 J 0.013 0.15 K 0.89 1.10 L 0.45 0.61 M 0.076 0.178 All Dimensions in mm |
Número de pieza similar - BAW56_06 |
|
Descripción similar - BAW56_06 |