Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPS3823-25DBVTG4 Datasheet(PDF) 4 Page - Texas Instruments |
|
|
TPS3823-25DBVTG4 Datasheet(HTML) 4 Page - Texas Instruments |
4 / 17 page TPS3820xx, TPS3823xx, TPS3824xx, TPS3825xx, TPS3828xx SLVS165G − APRIL 1998 − REVISED JANUARY 2008 www.ti.com 4 This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. ABSOLUTE MAXIMUM RATINGS(1) Over operating free-air temperature range, unless otherwise noted. Supply voltage, VDD(1) +6 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . RESET, RESET, MR, WDI(1) −0.3 V to (VDD + 0.3 V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Maximum low output current, IOL +5 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Maximum high output current, IOH −5 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input clamp current range, IIK (VI < 0 or VI > VDD) ±10 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output clamp current range, IOK (VO < 0 or VO > VDD) ±10 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous total power dissipation See Dissipation Rating Table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating free-air temperature range, TA −40 °C to +85°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg −65 °C to +150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Soldering temperature +260 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . (1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltage values are with respect to GND. DISSIPATION RATING TABLE PACKAGE TA ≤ +25°C POWER RATING OPERATING FACTOR ABOVE TA = +25°C TA = +70°C POWER RATING TA = +85°C POWER RATING DBV 437 mW 3.5 mW/ °C 280 mW 227 mW RECOMMENDED OPERATING CONDITIONS MIN MAX UNIT Supply voltage, VDD 1.1 5.5 V Input voltage, VI 0 VDD + 0.3 V High-level input voltage at MR and WDI, VIH 0.7 × VDD V Low-level input voltage, VIL 0.3 × VDD V Input transition rise and fall rate at MR or WDI, ∆t/∆V 100 ns/V Operating free-air temperature range, TA −40 +85 °C |
Número de pieza similar - TPS3823-25DBVTG4 |
|
Descripción similar - TPS3823-25DBVTG4 |