Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI9956DY Datasheet(PDF) 4 Page - NXP Semiconductors

No. de pieza SI9956DY
Descripción Electrónicos  N-channel enhancement mode field-effect transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SI9956DY Datasheet(HTML) 4 Page - NXP Semiconductors

  SI9956DY Datasheet HTML 1Page - NXP Semiconductors SI9956DY Datasheet HTML 2Page - NXP Semiconductors SI9956DY Datasheet HTML 3Page - NXP Semiconductors SI9956DY Datasheet HTML 4Page - NXP Semiconductors SI9956DY Datasheet HTML 5Page - NXP Semiconductors SI9956DY Datasheet HTML 6Page - NXP Semiconductors SI9956DY Datasheet HTML 7Page - NXP Semiconductors SI9956DY Datasheet HTML 8Page - NXP Semiconductors SI9956DY Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Philips Semiconductors
Si9956DY
N-channel enhancement mode field-effect transistor
Product data
Rev. 01 — 16 July 2001
4 of 13
9397 750 08414
© Philips Electronics N.V. 2001. All rights reserved.
7.
Thermal characteristics
7.1 Transient thermal impedance
Table 4:
Thermal characteristics
Symbol Parameter
Conditions
Value
Unit
Rth(j-a)
thermal resistance from junction to ambient
mounted on a printed circuit board; tp ≤ 10 s;
minimum footprint; Figure 4
62.5
K/W
Tamb =25 °C
Fig 4.
Transient thermal impedance from junction to ambient as a function of pulse duration.
03af75
10-1
1
10
102
10-4
10-3
10-2
10-1
1
10
tp (s)
Zth(j-amb)
(K/W)
single pulse
δ = 0.5
0.2
0.1
0.05
0.02
tp
tp
T
P
t
T
δ =


Número de pieza similar - SI9956DY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9956DY VISHAY-SI9956DY Datasheet
89Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. L, 27-Mar-00
More results

Descripción similar - SI9956DY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com