Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TEA2164S Datasheet(PDF) 6 Page - STMicroelectronics

No. de pieza TEA2164S
Descripción Electrónicos  SWITCH MODE POWER SUPPLY PRIMARY CIRCUIT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA2164S Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TEA2164S Datasheet HTML 2Page - STMicroelectronics TEA2164S Datasheet HTML 3Page - STMicroelectronics TEA2164S Datasheet HTML 4Page - STMicroelectronics TEA2164S Datasheet HTML 5Page - STMicroelectronics TEA2164S Datasheet HTML 6Page - STMicroelectronics TEA2164S Datasheet HTML 7Page - STMicroelectronics TEA2164S Datasheet HTML 8Page - STMicroelectronics TEA2164S Datasheet HTML 9Page - STMicroelectronics TEA2164S Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Collector
Current
Envelop
t
0
t
TEA2164S
V
CC
Voltage
0
t
0
t
0
t
0
Output
Voltage
TEA5170
Output
Voltage
Envelop
Standby
µP Supply
Voltage
1
2
V
CC(START)
V
CC(STOP)
t
BURST
t
DELAY
Bb
Bb
b
b
1
2
t1
t2
Start-up
Standby
Standby
Normal Operation
t
BURST : burst period
t
DELAY : time constant generated by µP
B : burst envelop (out of regulation)
b : burst envelop (with standby regulation)
t1, t2 : commands issued by
µP
Figure 4 : System Description Waveforms
II - GENERAL DESCRIPTION
In a master slave architecture, the TEA2164SCon-
trol IC, located at the primary side of an off line
power supply achievesthe slavefunction ; whereas
the master circuit is located at the secondary side.
The link between both circuits is realized by a small
pulse transformer (Figure 4).
In the operation of the master-slave architecture,
four majors cases must be considered :
- normal operating
- stand-by mode
- power supply start-up
- abnormal conditions : off load, short circuit, ...
II.1 - Normal Operating (master slave mode)
In this configuration, the master circuit generates a
pulse width modulatedsignal issued from the moni-
toring of the output voltage which needs the best
accuracy (in TV applications : the horizontal deflec-
tion stage supply voltage). The master circuit power
supply can be supplied by another output.
The PWM signal are sent towards the primary side
through small differentiating transformer. For the
TEA2164Spositive pulses are transistorswitching-
on commands ; and negative pulses are transistor
switching-off commands (Figure 5). In this configu-
ration, only by synchronizing the master oscillator,
the switching transistor may be synchronized with
an external signal.
II.2 - Stand-by Mode
In this configuration the master circuit no longer
sends PWM signals, the structure is not synchro-
nized ; and the TEA2164Soperates in burst mode.
The average power consumption at the secondary
side may be very low 1W
≤ P ≤ 6W (as it is
consumed in TV set during stand by).
By action on the maximum duty cycle control, a
primary loop maintains a semi-regulation of the
output voltages.Voltage on feed-backis applied on
Pin 9.
Burstperiodis externallyprogrammedbycapacitorC1.
TEA2164S
6/16


Número de pieza similar - TEA2164S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TEA2164 STMICROELECTRONICS-TEA2164 Datasheet
177Kb / 15P
   SWITCH MODE POWER SUPPLY PRIMARY CIRCUIT
December 1992
More results

Descripción similar - TEA2164S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TEA2164 STMICROELECTRONICS-TEA2164 Datasheet
177Kb / 15P
   SWITCH MODE POWER SUPPLY PRIMARY CIRCUIT
December 1992
logo
List of Unclassifed Man...
UAA4006A ETC1-UAA4006A Datasheet
396Kb / 8P
   SWITCH MODE POWER SUPPLY CONTROL CIRCUIT
logo
STMicroelectronics
TEA5170 STMICROELECTRONICS-TEA5170 Datasheet
157Kb / 9P
   SWITCH MODE POWER SUPPLY SECONDARY CIRCUIT
logo
NTE Electronics
NTE7159 NTE-NTE7159 Datasheet
33Kb / 3P
   Integrated Circuit Switch Mode Power Supply Controller
logo
List of Unclassifed Man...
PSRA3 ETC2-PSRA3 Datasheet
886Kb / 2P
   Single phase, primary switched mode power supply
logo
Compact Technology Corp...
CF2N60I CTC-CF2N60I Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF2N60S CTC-CF2N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8VM03015CD OMRON-S8VM03015CD Datasheet
6Mb / 38P
   Switch Mode Power Supply
S8VK-C OMRON-S8VK-C Datasheet
4Mb / 20P
   Switch Mode Power Supply
logo
Compact Technology Corp...
CF4N60S CTC-CF4N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com