Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TEA2164S Datasheet(PDF) 2 Page - STMicroelectronics

No. de pieza TEA2164S
Descripción Electrónicos  SWITCH MODE POWER SUPPLY PRIMARY CIRCUIT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA2164S Datasheet(HTML) 2 Page - STMicroelectronics

  TEA2164S Datasheet HTML 1Page - STMicroelectronics TEA2164S Datasheet HTML 2Page - STMicroelectronics TEA2164S Datasheet HTML 3Page - STMicroelectronics TEA2164S Datasheet HTML 4Page - STMicroelectronics TEA2164S Datasheet HTML 5Page - STMicroelectronics TEA2164S Datasheet HTML 6Page - STMicroelectronics TEA2164S Datasheet HTML 7Page - STMicroelectronics TEA2164S Datasheet HTML 8Page - STMicroelectronics TEA2164S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1
2
3
4
5
6
7
8
910
16
11
12
13
14
15
t
ON
LIMITATION
VLF
OSCILLATOR
I
C(Max.)
DETECTION
V
CC
MONITORING
RC
OSCILLATOR
SYNC
SWITCH
PULSE
SHAPER
REPETITIVE
OVERCURRENT
PROTECTION
I
C COPY
I
C(M3)
I
C(M2)
Soft
Start
Sawtooth
Return
RS
Q
&
&
&
S
R
Q
Q
DELAY
+
AMP
-
AMP
V+
V-
V
CC < 4.6V
R
S
Q
Internal
V
CC
R1
C1
I
C(Max.)
OUT
V-
V+
V
CC
COSC
ROSC
IN
V-
C2
I
COPY
GND
TEA2164S
1
1
1
V
CC
16V
Negative Pulse
Positive
Pulse
SYNC
Sawtooth
Return
Valid
13%
I
C(M1)
BLOCK DIAGRAM
TEA2164S
SLAVE I.C.
V
OUT
V
REF
PWM
SYNC.
INPUT
TEA5170
MASTER I.C.
V
CC
IN
OUT
Figure 1 : Simplified Application Diagram
TEA2164S
2/16


Número de pieza similar - TEA2164S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TEA2164 STMICROELECTRONICS-TEA2164 Datasheet
177Kb / 15P
   SWITCH MODE POWER SUPPLY PRIMARY CIRCUIT
December 1992
More results

Descripción similar - TEA2164S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TEA2164 STMICROELECTRONICS-TEA2164 Datasheet
177Kb / 15P
   SWITCH MODE POWER SUPPLY PRIMARY CIRCUIT
December 1992
logo
List of Unclassifed Man...
UAA4006A ETC1-UAA4006A Datasheet
396Kb / 8P
   SWITCH MODE POWER SUPPLY CONTROL CIRCUIT
logo
STMicroelectronics
TEA5170 STMICROELECTRONICS-TEA5170 Datasheet
157Kb / 9P
   SWITCH MODE POWER SUPPLY SECONDARY CIRCUIT
logo
NTE Electronics
NTE7159 NTE-NTE7159 Datasheet
33Kb / 3P
   Integrated Circuit Switch Mode Power Supply Controller
logo
List of Unclassifed Man...
PSRA3 ETC2-PSRA3 Datasheet
886Kb / 2P
   Single phase, primary switched mode power supply
logo
Compact Technology Corp...
CF2N60I CTC-CF2N60I Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF2N60S CTC-CF2N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8VM03015CD OMRON-S8VM03015CD Datasheet
6Mb / 38P
   Switch Mode Power Supply
S8VK-C OMRON-S8VK-C Datasheet
4Mb / 20P
   Switch Mode Power Supply
logo
Compact Technology Corp...
CF4N60S CTC-CF4N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com