Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA1074A Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza TDA1074A
Descripción Electrónicos  Dual tandem electronic potentiometer circuit
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1074A Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA1074A Datasheet HTML 1Page - NXP Semiconductors TDA1074A Datasheet HTML 2Page - NXP Semiconductors TDA1074A Datasheet HTML 3Page - NXP Semiconductors TDA1074A Datasheet HTML 4Page - NXP Semiconductors TDA1074A Datasheet HTML 5Page - NXP Semiconductors TDA1074A Datasheet HTML 6Page - NXP Semiconductors TDA1074A Datasheet HTML 7Page - NXP Semiconductors TDA1074A Datasheet HTML 8Page - NXP Semiconductors TDA1074A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
December 1982
2
Philips Semiconductors
Product specification
Dual tandem electronic
potentiometer circuit
TDA1074A
GENERAL DESCRIPTION
The TDA1074A is a monolithic integrated circuit designed for use as volume and tone control circuit in stereo amplifiers.
This dual tandem potentiometer IC consists of two ganged pairs of electronic potentiometers with the eight inputs
connected via impedance converters, and the four outputs driving individual operational amplifiers. The setting of each
electronic potentiometer pair is controlled by an individual d.c. control voltage. The potentiometers operate by current
division between the arms of cross-coupled long-tailed pairs. The current division factor is determined by the level and
polarity of the d.c. control voltage with respect to an externally available reference level of half the supply voltage. Since
the electronic potentiometers are adjusted by a d.c. control voltage, each pair can be controlled by single linear
potentiometers which can be located in any position dictated by the equipment styling. Since the input feedback
impedances around the operational amplifier gain blocks are external, the TDA1074A can perform bass/treble and
volume/loudness control. It also can be used as a low-level fader to control the sound distribution between the front and
rear loudspeakers in car radio installations.
Features
• High impedance inputs to both ‘ends’ of each electronic potentiometer
• Ganged potentiometers track within 0,5 dB
• Electronic rejection of supply ripple
• Internally generated reference level available externally so that the control voltage can be made to swing positively
and negatively around a well-defined 0 V level
• The operational amplifiers have push-pull outputs for wide voltage swing and low current consumption
• The operational amplifier outputs are current limited to provide output short-circuit protection
• Although designed to operate from a 20 V supply (giving a maximum input and output signal level of 6 V), the
TDA1074A can work from a supply as low as 7,5 V with reduced input and output signal levels.
QUICK REFERENCE DATA
PACKAGE OUTLINE
18-lead DIL; plastic (SOT102); SOT102-1; 1996 July 18.
Supply voltage (pin 11)
VP
typ.
20 V
Supply current (pin 11)
IP
typ.
22 mA
Input signal voltage (r.m.s. value)
Vi(rms)
max.
6 V
Output signal voltage (r.m.s. value)
Vo(rms)
max.
6 V
Total harmonic distortion
THD
typ.
0,05 %
Output noise voltage (r.m.s. value)
Vno(rms)
typ.
50
µV
Control range
∆α
typ.
110 dB
Cross-talk attenuation (L/R)
α
ct
typ.
80 dB
Ripple rejection (100 Hz)
α
100
typ.
46 dB
Tracking of ganged potentiometers
∆G
v
typ.
0,5 dB
Supply voltage range
VP
7,5 to 23 V
Operating ambient temperature range
Tamb
−30 to + 80 °C


Número de pieza similar - TDA1074A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA1072A PHILIPS-TDA1072A Datasheet
647Kb / 20P
   AM receiver circuit
May 1984
logo
TEMIC Semiconductors
TDA1072A TEMIC-TDA1072A Datasheet
253Kb / 8P
   AM Receiver Circuit
logo
NXP Semiconductors
TDA1072AT PHILIPS-TDA1072AT Datasheet
256Kb / 21P
   AM receiver circuit
March 1989
More results

Descripción similar - TDA1074A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPL8002-25 TI-TPL8002-25 Datasheet
144Kb / 10P
[Old version datasheet]   TANDEM 64-TAP DIGITAL POTENTIOMETER
TPL8002-25 TI-TPL8002-25_15 Datasheet
496Kb / 13P
[Old version datasheet]   TANDEM 64-TAP DIGITAL POTENTIOMETER
logo
Recom International Pow...
REPOT1-10 RECOM-REPOT1-10 Datasheet
389Kb / 3P
   Electronic Potentiometer
logo
NTE Electronics
NTE7072 NTE-NTE7072 Datasheet
22Kb / 3P
   Integrated Circuit Dual DC Controlled Potentiometer Circuit
logo
Rohm
BU9831 ROHM-BU9831 Datasheet
149Kb / 13P
   Non-volatile electronic potentiometer
logo
Thinki Semiconductor Co...
U20C20D THINKISEMI-U20C20D Datasheet
605Kb / 2P
   Dual Doubler Tandem Ultra Fast Recovery Diodes
logo
Analog Devices
LTC4249 AD-LTC4249 Datasheet
1Mb / 22P
   65V Dual Electronic Circuit Breaker with Current Monitors
logo
STMicroelectronics
AN1280 STMICROELECTRONICS-AN1280 Datasheet
86Kb / 8P
   ELECTRONIC CIRCUIT BREAKER
logo
PHOENIX CONTACT
102898 PHOENIX-102898 Datasheet
846Kb / 10P
   Electronic circuit breaker
2010-12-17
103057 PHOENIX-103057 Datasheet
881Kb / 10P
   Electronic circuit breaker
2010-12-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com