Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA1300 Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza TDA1300
Descripción Electrónicos  Photodetector amplifiers and laser supplies
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1300 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA1300 Datasheet HTML 3Page - NXP Semiconductors TDA1300 Datasheet HTML 4Page - NXP Semiconductors TDA1300 Datasheet HTML 5Page - NXP Semiconductors TDA1300 Datasheet HTML 6Page - NXP Semiconductors TDA1300 Datasheet HTML 7Page - NXP Semiconductors TDA1300 Datasheet HTML 8Page - NXP Semiconductors TDA1300 Datasheet HTML 9Page - NXP Semiconductors TDA1300 Datasheet HTML 10Page - NXP Semiconductors TDA1300 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
1997 Jul 15
7
Philips Semiconductors
Preliminary specification
Photodetector amplifiers and laser
supplies
TDA1300T; TDA1300TT
THERMAL CHARACTERISTICS
QUALITY SPECIFICATION
In accordance with
“SNW-FQ-611 part E”. The numbers of the quality specification can be found in the “Quality
Reference Handbook”. The handbook can be ordered using the code 9397 750 00192.
CHARACTERISTICS
VDD = 3.3 V; VDDL = 2.5 V; Tamb =25 °C; RADJ =48kΩ; HG = logic 1; LS = logic 1; with an external low-pass filter
(Rext = 750 Ω; Cext = 47 pF) connected at the RFE output pin.
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air
TDA1300T
60
K/W
TDA1300TT
128
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
IDD
supply current
laser off
7
mA
VDD
amplifier supply voltage
3
5.5
V
VDDL
laser control supply voltage
2.5
5.5
V
P
power dissipation
laser off; VDD =3V
20
mW
Diode current amplifiers (n = 1 to 6; m = 1 to 6)
Ii(d)
diode input current
note 1
−−
10
µA
In(i)(eq)
equivalent noise input current
1
pA/
√Hz
Vi(d)
diode input voltage
Ii(d) = 1.67 µA
0.9
V
Vo(d)
diode output voltage
−0.2
VDD − 1V
Gd(n)
diode current gain
Ii(d) = 1.67 µA;
Vo(d(n)) = 0 V; note 2
1.43
1.55
1.67
IO(d)
diode offset current
Ii(central) =Ii(satellite) =0;
note 3
−−
100
nA
Zo(d)
output impedance
Ii(d) = 1.67 µA;
Vo(d(n)) =0V
500
−−
k
B
3 dB bandwidth
Ii(d) = 1.67 µA50
68
kHz
Gmm
mismatch in gain between
amplifiers
Ii(d) = 1.67 µA;
Vo(d(n)) =Vo(d(m))
−−
3%


Número de pieza similar - TDA1300

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA1301 PHILIPS-TDA1301 Datasheet
235Kb / 14P
   Digital servo processor DSIC2
March 1994
TDA1301T PHILIPS-TDA1301T Datasheet
235Kb / 14P
   Digital servo processor DSIC2
March 1994
TDA1302T PHILIPS-TDA1302T Datasheet
520Kb / 18P
   Data amplifier and laser supply circuit for CD player and read only optical systems
September 1994.
TDA1305 PHILIPS-TDA1305 Datasheet
209Kb / 20P
   Stereo 1fs data input up-sampling filter with bitstream continuous dual DAC BCC-DAC2
1995 Dec 08
TDA1305T PHILIPS-TDA1305T Datasheet
209Kb / 20P
   Stereo 1fs data input up-sampling filter with bitstream continuous dual DAC BCC-DAC2
1995 Dec 08
More results

Descripción similar - TDA1300

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Source Photonics, Inc.
SP-03-LR1 SOURCE-SP-03-LR1 Datasheet
277Kb / 10P
   1310nm FP laser and PIN photodetector for 40km transmission
SP-03-IR1-CDFN SOURCE-SP-03-IR1-CDFN Datasheet
293Kb / 9P
   1310nm FP laser and PIN photodetector for 15km transmission
logo
Hamamatsu Corporation
C4258 HAMAMATSU-C4258 Datasheet
74Kb / 2P
   PICOSECOND PHOTODETECTOR
logo
List of Unclassifed Man...
SD039-151-011 ETC2-SD039-151-011 Datasheet
226Kb / 2P
   InGaAs Photodetector
CWOA-A1-L1-D ETC2-CWOA-A1-L1-D Datasheet
89Kb / 3P
   LASER CONTROLLER FOR OPTICAL AMPLIFIERS
logo
Luna Innovations Incorp...
SD039-151-011 LUNA-SD039-151-011 Datasheet
166Kb / 2P
   InGaAs Photodetector
logo
Advanced Photonix, Inc.
SD039-151-011 ADVANCEDPHOTONIX-SD039-151-011 Datasheet
400Kb / 2P
   InGaAs Photodetector
logo
List of Unclassifed Man...
SD012-151-011 ETC2-SD012-151-011 Datasheet
158Kb / 2P
   InGaAs Photodetector
logo
Luna Innovations Incorp...
SD012-151-011 LUNA-SD012-151-011 Datasheet
158Kb / 2P
   InGaAs Photodetector
logo
Advanced Photonix, Inc.
SD012-151-011 ADVANCEDPHOTONIX-SD012-151-011 Datasheet
354Kb / 2P
   InGaAs Photodetector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com