Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA1312 Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza TDA1312
Descripción Electrónicos  Stereo continuous calibration DAC CC-DAC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1312 Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA1312 Datasheet HTML 1Page - NXP Semiconductors TDA1312 Datasheet HTML 2Page - NXP Semiconductors TDA1312 Datasheet HTML 3Page - NXP Semiconductors TDA1312 Datasheet HTML 4Page - NXP Semiconductors TDA1312 Datasheet HTML 5Page - NXP Semiconductors TDA1312 Datasheet HTML 6Page - NXP Semiconductors TDA1312 Datasheet HTML 7Page - NXP Semiconductors TDA1312 Datasheet HTML 8Page - NXP Semiconductors TDA1312 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
July 1993
3
Philips Semiconductors
Preliminary specification
Stereo continuous calibration
DAC (CC-DAC)
TDA1312A; TDA1312AT
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD
supply voltage
4
5
5.5
V
IDD
supply current
VDD = 5 V; at code 0000H
3.4
6.0
mA
VFS
full scale output voltage
VDD = 5 V
1.8
2.0
2.2
V
(THD
+N)/S
total harmonic distortion plus
noise
at 0 dB signal level
−−68
−63
dB
0.04
0.07
%
at
−60 dB signal level
−−30
−24
dB
36%
at
−60 dB signal level;
A-weighted
−−33
dB
2
%
S/N
signal-to-noise ratio at
bipolar zero
A-weighted; at code 0000H
86
92
dB
tCS
current settling time to
±1
LSB
0.2
−µs
BR
input bit rate at data input
−−
18.4
Mbits/s
fBCK
clock frequency at clock
input
−−
18.4
MHz
TCFS
full scale temperature
coefficient at analog
outputs (IOL; IOR)
−±400
ppm
Tamb
operating ambient
temperature
−40
−+85
°C
Ptot
total power dissipation
VDD = 5 V; at code 0000H
17
30
mW


Número de pieza similar - TDA1312

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA1310 PHILIPS-TDA1310 Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1310A PHILIPS-TDA1310A Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1310AT PHILIPS-TDA1310AT Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1311A PHILIPS-TDA1311A Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
TDA1311AT PHILIPS-TDA1311AT Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
More results

Descripción similar - TDA1312

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA1387T PHILIPS-TDA1387T Datasheet
140Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 11
TDA1310A PHILIPS-TDA1310A Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1311A PHILIPS-TDA1311A Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
TDA1313 PHILIPS-TDA1313 Datasheet
76Kb / 15P
   Stereo continuous calibration DAC CC-DAC
July 1993
TDA1545A PHILIPS-TDA1545A Datasheet
126Kb / 20P
   Stereo continuous calibration DAC
1997 Sep 04
TDA1546T PHILIPS-TDA1546T Datasheet
327Kb / 40P
   Bitstream Continuous Calibration DAC with digital sound processing BCC-DAC
January 1995
logo
List of Unclassifed Man...
AL1201 ETC-AL1201 Datasheet
134Kb / 9P
   stereo DAC
logo
Micronas
DAC3550A MICRONAS-DAC3550A Datasheet
626Kb / 35P
   DAC 3550A STEREO AUDIO DAC
logo
NXP Semiconductors
TDA1549T PHILIPS-TDA1549T Datasheet
227Kb / 20P
   Stereo 4fs data input up-sampling filter with bitstream continuous calibration DAC BCC-DAC1
August 1994
TDA1388 PHILIPS-TDA1388 Datasheet
138Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1996 Jul 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com