Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA1315 Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza TDA1315
Descripción Electrónicos  Digital audio input/output circuit DAIO
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1315 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA1315 Datasheet HTML 2Page - NXP Semiconductors TDA1315 Datasheet HTML 3Page - NXP Semiconductors TDA1315 Datasheet HTML 4Page - NXP Semiconductors TDA1315 Datasheet HTML 5Page - NXP Semiconductors TDA1315 Datasheet HTML 6Page - NXP Semiconductors TDA1315 Datasheet HTML 7Page - NXP Semiconductors TDA1315 Datasheet HTML 8Page - NXP Semiconductors TDA1315 Datasheet HTML 9Page - NXP Semiconductors TDA1315 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
1995 Jul 17
6
Philips Semiconductors
Product specification
Digital audio input/output circuit (DAIO)
TDA1315H
I2SSEL
33
IUP04
select auxiliary input or normal input in transmit mode
SDAUX
34
IPP04
auxiliary serial data input; I2S-bus
SD
35
IOF24
serial audio data input/output; I2S-bus
WS
36
IOF24
word select input/output; I2S-bus
SCK
37
IOF29
serial audio clock input/output; I2S-bus
I2SOEN
38
IUP04
serial audio output enable (0 = enabled; 1 = disabled/3-state); this input has an
internal pull-up resistor
SYSCLKI
39
IPP09
system clock input (transmit mode)
SYSCLKO
40
OPFA3
system clock output (receive mode)
VSSD1
41
E009
digital ground 1
VDDD1
42
E008
digital supply voltage 1
CLKSEL
43
IUP04
select system clock (0 = 384fs; 1 = 256fs); this input has an internal pull-up resistor
RCint
44
E029
integrating capacitor output
SYMBOL
PIN
PADCELL
DESCRIPTION
Fig.2 Pin configuration.


Número de pieza similar - TDA1315

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA1310 PHILIPS-TDA1310 Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1310A PHILIPS-TDA1310A Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1310AT PHILIPS-TDA1310AT Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1311A PHILIPS-TDA1311A Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
TDA1311AT PHILIPS-TDA1311AT Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
More results

Descripción similar - TDA1315

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
SAA7274 PHILIPS-SAA7274 Datasheet
106Kb / 16P
   Audio Digital Input Circuit ADIC
July 1991
logo
Shenzhen Titan Micro El...
TM2312 TITAN-TM2312 Datasheet
562Kb / 13P
   Digital audio processing circuit
logo
Texas Instruments
TAS5733L TI1-TAS5733L Datasheet
2Mb / 68P
[Old version datasheet]   Digital Input Audio Power Amplifier
TAS5751M TI1-TAS5751M Datasheet
2Mb / 70P
[Old version datasheet]   Digital Input Audio Power Amplifier
logo
ON Semiconductor
ONA10IV ONSEMI-ONA10IV Datasheet
637Kb / 29P
   16 Watt Digital Input Class-D Audio Amplifier with Speaker Sense Digital Output
April, 2018 ??Rev. 0
logo
Festo Corporation.
8086603 FESTO-8086603 Datasheet
91Kb / 2P
   Digital input/output module
logo
Analog Devices
AN-535 AD-AN-535 Datasheet
339Kb / 8P
   Digital Input/Output Subsystems
logo
Shenzhen Titan Micro El...
TM2314 TITAN-TM2314 Datasheet
1Mb / 12P
   Digital Control Audio Processing Circuit
logo
Festo Corporation.
8086601 FESTO-8086601 Datasheet
92Kb / 2P
   Digital input/output module
logo
Shenzhen Titan Micro El...
TM2313 TITAN-TM2313 Datasheet
706Kb / 14P
   Digital Control Audio Processing Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com