Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA1386 Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza TDA1386
Descripción Electrónicos  Noise shaping filter DAC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1386 Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA1386 Datasheet HTML 1Page - NXP Semiconductors TDA1386 Datasheet HTML 2Page - NXP Semiconductors TDA1386 Datasheet HTML 3Page - NXP Semiconductors TDA1386 Datasheet HTML 4Page - NXP Semiconductors TDA1386 Datasheet HTML 5Page - NXP Semiconductors TDA1386 Datasheet HTML 6Page - NXP Semiconductors TDA1386 Datasheet HTML 7Page - NXP Semiconductors TDA1386 Datasheet HTML 8Page - NXP Semiconductors TDA1386 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
1998 Jan 06
3
Philips Semiconductors
Product specification
Noise shaping filter DAC
TDA1386T
QUICK REFERENCE DATA
All power supply pins VDD and GND must be connected to the same external supply unit.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VDDD
digital supply voltage
4.5
5.0
5.5
V
VDDA
analog supply voltage
4.5
5.0
5.5
V
VDDO
operational amplifier supply
voltage
4.5
5.0
5.5
V
IDDD
digital supply current
VDDD =5 V;
at code 00000H
58mA
IDDA
analog supply current
VDDA =5 V;
at code 00000H
35mA
IDDO
operational amplifier supply
current
VDDO =5 V;
at code 00000H
24mA
Analog signals
VFS(rms)
full-scale output voltage
(RMS value)
VDDD =VDDA =VDDO =5V;
ROL >5kΩ
0.935
1.1
1.265
V
RL
output load resistance
5
−−
k
DAC performance
(THD + N)/S
total harmonic distortion
plus noise-to-signal ratio
at 0 dB signal level;
fi = 1 kHz
−−70
dB
0.032
%
at
−60 dB signal level;
fi = 1 kHz
−−42
−32
dB
0.8
2.5
%
S/N
signal-to-noise ratio
no signal; A-weighted
−−108
−96
dB
BR
input bit rate at data input
fs = 44.1 kHz; normal speed
−−
2.822
bits
fs = 44.1 kHz; double speed
−−
5.645
bits
fsys
clock frequency
6.4
18.432
MHz
Tamb
operating ambient
temperature
−40
+85
°C


Número de pieza similar - TDA1386

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA1387 PHILIPS-TDA1387 Datasheet
140Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 11
TDA1387T PHILIPS-TDA1387T Datasheet
140Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 11
TDA1388 PHILIPS-TDA1388 Datasheet
138Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1996 Jul 17
TDA1388M PHILIPS-TDA1388M Datasheet
138Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1996 Jul 17
TDA1388T PHILIPS-TDA1388T Datasheet
138Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1996 Jul 17
More results

Descripción similar - TDA1386

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA1306T PHILIPS-TDA1306T Datasheet
220Kb / 24P
   Noise shaping filter DAC
1998 Jan 06
logo
EPCOS
B2581 EPCOS-B2581 Datasheet
88Kb / 6P
   Spectrum Shaping Filter
logo
Texas Instruments
DF1760P TI1-DF1760P Datasheet
171Kb / 17P
[Old version datasheet]   Multi-Bit Enhanced Noise Shaping 20-Bit
logo
List of Unclassifed Man...
CR-200 ETC-CR-200 Datasheet
133Kb / 2P
   Gaussian shaping amplifier
logo
NXP Semiconductors
TDA1314T PHILIPS-TDA1314T Datasheet
139Kb / 15P
   Quadruple filter DAC
August 1994
logo
Burr-Brown (TI)
PCM1760P BURR-BROWN-PCM1760P Datasheet
201Kb / 15P
   Multi-Bit Enhanced Noise Shaping 20-Bit ANALOG-TO-DIGITAL CONVERSION SYSTEM
logo
NXP Semiconductors
UDA1328T PHILIPS-UDA1328T Datasheet
128Kb / 28P
   Multi-channel filter DAC
2000 Jan 04
logo
List of Unclassifed Man...
TSP3 ETC2-TSP3 Datasheet
107Kb / 2P
   ATM Forum TM4.1 traffic shaping
logo
Okaya Electric America,...
3SUP-HE5-ER-6 OKAYA-3SUP-HE5-ER-6 Datasheet
444Kb / 1P
   NOISE FILTER
SUP-E1H-EP OKAYA-SUP-E1H-EP Datasheet
452Kb / 1P
   NOISE FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com