Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA1388 Datasheet(PDF) 11 Page - NXP Semiconductors

No. de pieza TDA1388
Descripción Electrónicos  Bitstream continuous calibration filter-DAC for CD-ROM audio applications
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1388 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA1388 Datasheet HTML 7Page - NXP Semiconductors TDA1388 Datasheet HTML 8Page - NXP Semiconductors TDA1388 Datasheet HTML 9Page - NXP Semiconductors TDA1388 Datasheet HTML 10Page - NXP Semiconductors TDA1388 Datasheet HTML 11Page - NXP Semiconductors TDA1388 Datasheet HTML 12Page - NXP Semiconductors TDA1388 Datasheet HTML 13Page - NXP Semiconductors TDA1388 Datasheet HTML 14Page - NXP Semiconductors TDA1388 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
1996 Jul 17
11
Philips Semiconductors
Objective specification
Bitstream continuous calibration filter-DAC
for CD-ROM audio applications
TDA1388
TREBLE: a 5-bit value to program the treble setting. The used set depends on the MODE bits.
Table 14 Treble settings
TR4
TR3
TR2
TR1
TR0
TREBLE
FLAT SET (dB)
MIN SET (dB)
MAX SET (dB)
00000
0
0
0
00001
0
0
0
00010
0
2
2
00011
0
2
2
00100
0
4
4
00101
0
4
4
00111
0
6
6
00110
0
6
6
01001
0
6
6
01000
0
6
6
01011
0
6
6
01010
0
6
6
01101
0
6
6
01100
0
6
6
01111
0
6
6
01110
0
6
6
:::::
:
:
:
11110
0
6
6
Flat/min/max setting selection
In the TDA1388 has three setting for the digital sound
features bass boost and treble. The possible settings are
called ‘flat’, ‘min’ and ‘max’. The flat setting has no
influence on the audio signal, the minimum setting has a
small influence on the audio signal and the maximum
setting has a large influence on the audio signal. In the
static-pin mode, the flat setting is used for the bass boost
and treble filters. In the microcontroller mode, all three
settings can by controlled by a register.
Channel manipulation modes
In the TDA1388 there is a channel manipulation function
implemented. This function has a fixed value in the
static-pin mode, the left signal on the left channel and the
right signal on the right channel. In the microcontroller
mode several option are possible.
The different modes are as follows:
• Normal stereo output
• Left/right reverse output
• Mono left/right output: 1
2(L+R)
• Output muting with soft mute.
De-emphasis
De-emphasis is controlled by an external pin in the
static-pin mode and by a register in the microcontroller
mode.The digital de-emphasis filter is dimensioned to
produce the de-emphasis frequency characteristics for the
sample rate 44.1 kHz. With its 18-bit dynamic range, the
digital de-emphasis filter of the TDA1388 is a convenient
and component saving alternative to analog de-emphasis.
De-emphasis is synchronized to the sample clock, so that
operation always takes place on complete samples.


Número de pieza similar - TDA1388

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA1388T PHILIPS-TDA1388T Datasheet
168Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1995 Dec 08
TDA1388TZ PHILIPS-TDA1388TZ Datasheet
168Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1995 Dec 08
More results

Descripción similar - TDA1388

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA1388T PHILIPS-TDA1388T Datasheet
168Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1995 Dec 08
TDA1548T PHILIPS-TDA1548T Datasheet
123Kb / 20P
   Bitstream continuous calibration filter-DAC with headphone driver and DSP
1995 Nov 15
TDA1546T PHILIPS-TDA1546T Datasheet
327Kb / 40P
   Bitstream Continuous Calibration DAC with digital sound processing BCC-DAC
January 1995
TDA1549T PHILIPS-TDA1549T Datasheet
227Kb / 20P
   Stereo 4fs data input up-sampling filter with bitstream continuous calibration DAC BCC-DAC1
August 1994
TDA1545A PHILIPS-TDA1545A Datasheet
126Kb / 20P
   Stereo continuous calibration DAC
1997 Sep 04
TDA1387T PHILIPS-TDA1387T Datasheet
140Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 11
TDA1310A PHILIPS-TDA1310A Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1311A PHILIPS-TDA1311A Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
TDA1312A PHILIPS-TDA1312A Datasheet
61Kb / 13P
   Stereo continuous calibration DAC CC-DAC
July 1993
TDA1313 PHILIPS-TDA1313 Datasheet
76Kb / 15P
   Stereo continuous calibration DAC CC-DAC
July 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com