Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA1510 Datasheet(PDF) 8 Page - NXP Semiconductors

No. de pieza TDA1510
Descripción Electrónicos  24 W BTL or 2 x 12 W stereo car radio power amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1510 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA1510 Datasheet HTML 3Page - NXP Semiconductors TDA1510 Datasheet HTML 4Page - NXP Semiconductors TDA1510 Datasheet HTML 5Page - NXP Semiconductors TDA1510 Datasheet HTML 6Page - NXP Semiconductors TDA1510 Datasheet HTML 7Page - NXP Semiconductors TDA1510 Datasheet HTML 8Page - NXP Semiconductors TDA1510 Datasheet HTML 9Page - NXP Semiconductors TDA1510 Datasheet HTML 10Page - NXP Semiconductors TDA1510 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
January 1992
8
Philips Semiconductors
Product specification
24 W BTL or 2 x 12 W stereo car radio
power amplifier
TDA1510AQ
Notes to the characteristics
1. If V11 > V10 then I11 must be < 10 mA.
2. Closed loop voltage gain can be chosen between 32 and 56 dB (BTL), and is determined by external components.
3. Frequency response externally fixed.
4. The input impedance in the test circuit (Fig.3) is typ. 100 k
Ω.
5. Supply voltage ripple rejection measured with a source impedance of 0
Ω (maximum ripple amplitude 2 V).
6. Output power is measured directly at the output pins of the IC.
7. Closed loop voltage gain can be chosen between 26 and 50 dB (stereo), and is determined by external components.
8. A resistor of 56 k
Ω between pins 3 and 7 is required for symmetrical clipping.
9. Without bootstrap the 100
µF capacitor between pins 5 and 6 and the 100 µF capacitor between pins 8 and 9 can
be omitted. Pins 6 and 8 connected to pin 10.


Número de pieza similar - TDA1510

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
TDA1512 ETC-TDA1512 Datasheet
214Kb / 6P
   12 TO 20 W HI FI AUDIO POWER AMPLIFIER
TDA1512A ETC-TDA1512A Datasheet
214Kb / 6P
   12 TO 20 W HI FI AUDIO POWER AMPLIFIER
TDA1512AQ ETC-TDA1512AQ Datasheet
214Kb / 6P
   12 TO 20 W HI FI AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
TDA1514 PHILIPS-TDA1514 Datasheet
74Kb / 10P
   50 W high performance hi-fi amplifier
May 1992
TDA1514A PHILIPS-TDA1514A Datasheet
74Kb / 10P
   50 W high performance hi-fi amplifier
May 1992
More results

Descripción similar - TDA1510

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA1515BQ PHILIPS-TDA1515BQ Datasheet
80Kb / 10P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
July 1994
TDA1518BQ PHILIPS-TDA1518BQ Datasheet
80Kb / 11P
   24 W BTL or 2 x 12 watt stereo car radio power amplifier
July 1994
TDA1516BQ PHILIPS-TDA1516BQ Datasheet
95Kb / 11P
   24 W BTL or 2 x 12 watt stereo car radio power amplifier
July 1994
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
   12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
TDA1519A PHILIPS-TDA1519A Datasheet
141Kb / 14P
   22 W BTL or 2 x 11 W stereo car radio power amplifier
May 1992
TDA8564Q PHILIPS-TDA8564Q Datasheet
81Kb / 15P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
February 1995
TDA8561Q PHILIPS-TDA8561Q Datasheet
117Kb / 24P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1516CQ PHILIPS-TDA1516CQ Datasheet
68Kb / 10P
   24 W BTL car radio power amplifier
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com