Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA1519CTH Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza TDA1519CTH
Descripción Electrónicos  22WBTL or 2 x 11Wstereo power amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1519CTH Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA1519CTH Datasheet HTML 3Page - NXP Semiconductors TDA1519CTH Datasheet HTML 4Page - NXP Semiconductors TDA1519CTH Datasheet HTML 5Page - NXP Semiconductors TDA1519CTH Datasheet HTML 6Page - NXP Semiconductors TDA1519CTH Datasheet HTML 7Page - NXP Semiconductors TDA1519CTH Datasheet HTML 8Page - NXP Semiconductors TDA1519CTH Datasheet HTML 9Page - NXP Semiconductors TDA1519CTH Datasheet HTML 10Page - NXP Semiconductors TDA1519CTH Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
2000 Mar 08
7
Philips Semiconductors
Product specification
22 W BTL or 2
× 11 W stereo power
amplifier
TDA1519C
THERMAL CHARACTERISTICS
DC CHARACTERISTICS
VP = 14.4 V; Tamb =25 °C; measurements taken using Fig.6; unless otherwise specified.
Notes
1. The circuit is DC adjusted at VP = 6 to 17.5 V and AC operating at VP = 8.5 to 17.5 V.
2. At VP = 17.5 to 30 V, the DC output voltage ≤0.5VP.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air
TDA1519C
40
K/W
TDA1519CTH and TDA1519CTD
40
K/W
Rth(j-c)
thermal resistance from junction to case
TDA1519C
3
K/W
TDA1519CTH and TDA1519CTD
3
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VP
supply voltage
note 1
6.0
14.4
17.5
V
Iq(tot)
total quiescent current
40
80
mA
VO
DC output voltage
note 2
6.95
V
∆VOO
DC output offset voltage
−−
250
mV
Mute/standby switch
Vsw(on)
switch-on voltage level
8.5
−−
V
Mute condition
Vmute
mute voltage
3.3
6.4
V
VO
output signal in mute position
VI = 1 V (max.); f = 20 Hz to 15 kHz −−
20
mV
∆VOO
DC output offset voltage
−−
250
mV
Standby condition
Vstb
standby voltage
standby mode
0
2V
Istb
standby current
standby mode
−−
100
µA
Isw(on)
switch-on current
12
40
µA


Número de pieza similar - TDA1519CTH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA1519CTH NXP-TDA1519CTH Datasheet
1Mb / 22P
   22 W BTL or 2 x 11 W stereo power amplifier
2004 Jan 28
More results

Descripción similar - TDA1519CTH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA1554Q PHILIPS-TDA1554Q Datasheet
96Kb / 11P
   4 x 11 W single-ended or 2 x 22 W power amplifier
May 1992
TDA1554Q NXP-TDA1554Q Datasheet
97Kb / 11P
   4 x 11 W single-ended or 2 x 22 W power amplifier
May 1992
TDA1519CJ NXP-TDA1519CJ Datasheet
1Mb / 22P
   22 W BTL or 2 x 11 W stereo power amplifier
2004 Jan 28
TDA1517ATW PHILIPS-TDA1517ATW Datasheet
132Kb / 20P
   8 W BTL or 2 x 4 W SE power amplifier
2001 Apr 17
logo
Sanyo Semicon Device
STK459 SANYO-STK459 Datasheet
32Kb / 1P
   Power Amplifier 2 x 15W
logo
STMicroelectronics
TDA7379 STMICROELECTRONICS-TDA7379 Datasheet
587Kb / 7P
   4 X 13 - 2 X 38W AUDIO POWER AMPLIFIER 2 X 13 1 X 38W AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
TDA1558Q PHILIPS-TDA1558Q Datasheet
100Kb / 11P
   2 x 22 W or 4 x 11 W single-ended car radio power amplifier
May 1992
logo
Qorvo, Inc
QPA2610 QORVO-QPA2610 Datasheet
991Kb / 24P
   2 Watt X-Band Power Amplifier
logo
NXP Semiconductors
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
   12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
TDA1516BQ PHILIPS-TDA1516BQ Datasheet
95Kb / 11P
   24 W BTL or 2 x 12 watt stereo car radio power amplifier
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com