Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA1524A Datasheet(PDF) 8 Page - NXP Semiconductors

No. de pieza TDA1524A
Descripción Electrónicos  Stereo-tone/volume control circuit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1524A Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA1524A Datasheet HTML 4Page - NXP Semiconductors TDA1524A Datasheet HTML 5Page - NXP Semiconductors TDA1524A Datasheet HTML 6Page - NXP Semiconductors TDA1524A Datasheet HTML 7Page - NXP Semiconductors TDA1524A Datasheet HTML 8Page - NXP Semiconductors TDA1524A Datasheet HTML 9Page - NXP Semiconductors TDA1524A Datasheet HTML 10Page - NXP Semiconductors TDA1524A Datasheet HTML 11Page - NXP Semiconductors TDA1524A Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
September 1987
8
Philips Semiconductors
Product specification
Stereo-tone/volume control circuit
TDA1524A
Notes to characteristics
1. Equation for input resistance (see also Fig.4)
2. Frequencies below 200 Hz and above 5 kHz have reduced voltage swing, the reduction at 40 Hz and at 16 kHz is
30%.
3. In the event of bass boosting the output signal handling is reduced. The reduction is 1 dB for maximum bass boost.
4. Linear frequency response.
5. For peak values add 4,5 dB to r.m.s. values.
Noise performance (VP = 12 V)
Output noise voltage (unweighted; Fig.15)
at f = 20 Hz to 20 kHz (r.m.s. value; note 5)
for maximum voltage gain (note 4)
Vno(rms)
310
−µV
for Gv = −16 dB (note 4)
Vno(rms)
100
200
µV
Output noise voltage; weighted as DIN 45405
of 1981, CCIR recommendation 468-2 (peak value)
for maximum voltage gain (note 4)
Vno(m)
940
−µV
for maximum emphasis of bass and treble
(contour off; Gv = −40 dB)
Vno(m)
400
−µV
Noise performance (VP = 15 V)
Output noise voltage (unweighted; Fig.15)
at f = 20 Hz to 20 kHz (r.m.s. value; note 5)
for maximum voltage gain (note 4)
Vno(rms)
350
−µV
for Gv = 16 dB (note 4)
Vno(rms)
110
220
µV
Output noise voltage; weighted as DIN 45405
of 1981, CCIR recommendation 468-2 (peak value)
for maximum voltage gain (note 4)
Vno(m)
980
−µV
for maximum emphasis of bass and treble
(contour off; Gv = −40 dB
Vno(m)
420
−µV
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
R
i
160 k
1G
v
+
------------------- G
vmax
12
=
;
=


Número de pieza similar - TDA1524A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
TDA1520A ETC1-TDA1520A Datasheet
198Kb / 6P
   20W Hi-Fi Audio Amplifier
TDA1520AQ ETC1-TDA1520AQ Datasheet
198Kb / 6P
   20W Hi-Fi Audio Amplifier
TDA1520B ETC-TDA1520B Datasheet
234Kb / 6P
   20 W HI FI AUDIO POWER AMLIFIER
TDA1520BQ ETC-TDA1520BQ Datasheet
234Kb / 6P
   20 W HI FI AUDIO POWER AMLIFIER
logo
NXP Semiconductors
TDA1521 PHILIPS-TDA1521 Datasheet
150Kb / 14P
   2 x 12 W hi-fi audio power amplifier
July 1994
More results

Descripción similar - TDA1524A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA1526 PHILIPS-TDA1526 Datasheet
196Kb / 14P
   Stereo-tone/volume control circuit
May 1992
logo
Samsung semiconductor
KA2107 SAMSUNG-KA2107 Datasheet
110Kb / 5P
   DC VOLUME, TONE CONTROL CIRCUIT
logo
Sanyo Semicon Device
LC75371M SANYO-LC75371M Datasheet
523Kb / 17P
   Car Stereo Electronic Tone and Volume Control
logo
Mitsubishi Electric Sem...
M61503FP MITSUBISHI-M61503FP Datasheet
89Kb / 11P
   TONE CONTROL/VOLUME CONTROL
logo
Renesas Technology Corp
M62495AFP RENESAS-M62495AFP Datasheet
167Kb / 12P
   TONE CONTROL/VOLUME CONTROL
logo
Mitsubishi Electric Sem...
M61500FP MITSUBISHI-M61500FP Datasheet
89Kb / 11P
   TONE CONTROL/VOLUME CONTROL
M61515FP MITSUBISHI-M61515FP Datasheet
248Kb / 11P
   TONE CONTROL/VOLUME CONTROL
logo
Renesas Technology Corp
M61515FP RENESAS-M61515FP Datasheet
4Mb / 12P
   TONE CONTROL/VOLUME CONTROL
logo
Mitsubishi Electric Sem...
M62495AFP MITSUBISHI-M62495AFP Datasheet
110Kb / 11P
   TONE CONTROL/VOLUME CONTROL
M61509FP MITSUBISHI-M61509FP Datasheet
89Kb / 11P
   TONE CONTROL/VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com