Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA1553 Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza TDA1553
Descripción Electrónicos  2 x 22 W BTL stereo car radio power amplifier with loudspeaker protection
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1553 Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA1553 Datasheet HTML 1Page - NXP Semiconductors TDA1553 Datasheet HTML 2Page - NXP Semiconductors TDA1553 Datasheet HTML 3Page - NXP Semiconductors TDA1553 Datasheet HTML 4Page - NXP Semiconductors TDA1553 Datasheet HTML 5Page - NXP Semiconductors TDA1553 Datasheet HTML 6Page - NXP Semiconductors TDA1553 Datasheet HTML 7Page - NXP Semiconductors TDA1553 Datasheet HTML 8Page - NXP Semiconductors TDA1553 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
July 1994
3
Philips Semiconductors
Product specification
2 x 22 W BTL stereo car radio power
amplifier with loudspeaker protection
TDA1553Q
Fig.1 Block diagram.
handbook, full pagewidth
mute/stand-by
MLB953
output 1A
Vref
x1
VA
stand-by
switch
VP
mute
switch
stand-by
reference
voltage
PROTECTIONS
Load dump
Soar
Thermal
Short - circuit
Reverse polarity
Loudspeaker
3
10
VP1
VP2
18 k
2
k
18 k
15 k
15 k
2
k
18 k
2
k
18 k
2
k
60
k
60
k
mute switch
VA
Cm
power stage
mute switch
VA
Cm
power stage
4
6
loudspeaker
protection
11
12
mute switch
VA
Cm
power stage
mute switch
VA
Cm
power stage
9
7
Vref
25
8
ground (signal)
GND1
GND2
power ground (substrate)
output 2B
output 2A
loudspeaker
protection
output 1B
input 1
input 2
13
1
TDA1553Q


Número de pieza similar - TDA1553

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA1553 PHILIPS-TDA1553 Datasheet
62Kb / 10P
   2 x 22 W stereo BTL car radio power amplifier with loudspeaker protection and 3-state mode switch
1995 Dec 15
TDA1553CQ PHILIPS-TDA1553CQ Datasheet
62Kb / 10P
   2 x 22 W stereo BTL car radio power amplifier with loudspeaker protection and 3-state mode switch
1995 Dec 15
More results

Descripción similar - TDA1553

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA1557Q NXP-TDA1557Q Datasheet
67Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier with speaker protection
May 1992
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1553CQ PHILIPS-TDA1553CQ Datasheet
62Kb / 10P
   2 x 22 W stereo BTL car radio power amplifier with loudspeaker protection and 3-state mode switch
1995 Dec 15
TDA1519A PHILIPS-TDA1519A Datasheet
141Kb / 14P
   22 W BTL or 2 x 11 W stereo car radio power amplifier
May 1992
TDA1551Q PHILIPS-TDA1551Q Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
   12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
TDA1515BQ PHILIPS-TDA1515BQ Datasheet
80Kb / 10P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
July 1994
TDA1510AQ PHILIPS-TDA1510AQ Datasheet
96Kb / 11P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
January 1992
TDA8563AQ PHILIPS-TDA8563AQ Datasheet
152Kb / 20P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1997 Feb 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com